Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3433EV-40T6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UPSD3433EV-40T6
Description  Fast Turbo 8032 MCU with USB and Programmable Logic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3433EV-40T6 Datasheet(HTML) 5 Page - STMicroelectronics

  UPSD3433EV-40T6 Datasheet HTML 1Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 2Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 3Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 4Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 5Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 8Page - STMicroelectronics UPSD3433EV-40T6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
uPSD34xx
Figure 4. TQFP80 Connections
Note: NC = Not Connected
Note: 1. The USB+ pin needs a 1.5k
Ω pull-up resistor.
2. For 5V applications, VDD must be connected to a 5.0V source. For 3.3V applications, VDD must be connected to a 3.3V source.
3. These signals can be used on one of two different ports (Port 1 or Port 4) for flexibility. Default is Port1.
60 P1.5/SPIRXD(3)/ADC5
59 P1.4/SPICLK(3)/ADC4
58 P1.3/TXD1(IrDA)(3)/ADC3
57 NC
56 P1.2/RXD1(IrDA)(3)/ADC2
55 NC
54 P1.1/T2X(3)/ADC1
53 NC
52 P1.0/T2(3)/ADC0
51 NC
50 VDD
(1)
49 XTAL2
48 XTAL1
47 MCU AD7
46 P3.7/SCL
45 MCU AD6
44 P3.6/SDA
43 MCU AD5
42 P3.5/C1
41 MCU AD4
PD2/CSI
P3.3/TG1/EXINT1
PD1/CLKIN
ALE
PC7
JTAG TDO
JTAG TDI
DEBUG
PC4/TERR
3.3V VCC
USB+(1)
VDD
(2)
GND
USB–
PC3/TSTAT
PC2/VSTBY
JTAG TCK
SPISEL(2)/PCACLK1/P4.7
SPITXD(2)/TCM5/P4.6
JTAG TMS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AI09697


Similar Part No. - UPSD3433EV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3433EV-40T6 STMICROELECTRONICS-UPSD3433EV-40T6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3433EV-40T6 STMICROELECTRONICS-UPSD3433EV-40T6 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3433EV-40T6T STMICROELECTRONICS-UPSD3433EV-40T6T Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3433EV-40T6T STMICROELECTRONICS-UPSD3433EV-40T6T Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
More results

Similar Description - UPSD3433EV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com