Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8105GR Datasheet(PDF) 1 Page - NEC

Part # UPC8105GR
Description  SILICON MMIC QUADRATURE MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR Datasheet(HTML) 1 Page - NEC

  UPC8105GR_97 Datasheet HTML 1Page - NEC UPC8105GR_97 Datasheet HTML 2Page - NEC UPC8105GR_97 Datasheet HTML 3Page - NEC UPC8105GR_97 Datasheet HTML 4Page - NEC UPC8105GR_97 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PART NUMBER
UPC8105GR
PACKAGE OUTLINE
S16 (SSOP 16)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current (no signal)
VPS
≥ 1.8 V
mA
10
16
21
VPS
≤ 1.0 V
µA
0.1
5
PMOD
Output Power - Modulator
dBm
-21
-16.5
-12
LOLEAK
Local Oscillator Leakage
dBc
-40
-30
ImR
Image Rejection
dBc
-40
-30
IM3I/Q
I/Q 3rd Order Intermodulation Distortion
dBc
-50
RLIN
I/Q LO Input Return Loss
dB
20
ZI/Q
Input Impedance I and Q Port
k
20
TPS(RISE)
Power Save Rise Time VPS
≤ 1.0 V to VPS ≥ 1.8V
µS2
5
TPS (FALL)
Power Save Fall Time VPS
≥1.8 V to VPS ≤1.0 V
µS2
5
UPC8105GR
SILICON MMIC
QUADRATURE MODULATOR
FEATURES
• WIDE SUPPLY VOLTAGE RANGE: 2.7 ~ 5.5 V
BROADBAND OPERATION:
MODOUT = 100 - 400 MHz, I/Q = DC to 10 MHz
INTERNAL 90
° PHASE SHIFTER
POWER SAVE FUNCTION
LOW POWER CONSUMPTION: 16 mA Typ. @ 3 V
SMALL SSOP 16 PACKAGE
TAPE AND REEL PACKAGING AVAILABLE
California Eastern Laboratories
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION
The UPC8105GR Silicon MMIC I/Q Modulator is manufac-
tured using the NESAT III MMIC process. The NESAT III
process produces transistors with fT approaching 20 GHz.
The device was designed for use in Digital Mobile Communi-
cations circuits such as 900 MHz Digital Cordless and Cellular
Phones, WLAN and PCN/PCS Handset Transmitters.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
VI/Q = 1.5 V (DC)
+ 500 mVp-p (AC)
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3.0 V, VPS ≥ 1.8 V)
90˚
φ
LO
I
Q
I
Q


Similar Part No. - UPC8105GR_97

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR-E1 NEC-UPC8105GR-E1 Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
More results

Similar Description - UPC8105GR_97

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
43Kb / 3P
   3 V, SILICON MMIC 150 MHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com