Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNS14NV04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNS14NV04
Description  ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNS14NV04 Datasheet(HTML) 2 Page - STMicroelectronics

  VNS14NV04 Datasheet HTML 1Page - STMicroelectronics VNS14NV04 Datasheet HTML 2Page - STMicroelectronics VNS14NV04 Datasheet HTML 3Page - STMicroelectronics VNS14NV04 Datasheet HTML 4Page - STMicroelectronics VNS14NV04 Datasheet HTML 5Page - STMicroelectronics VNS14NV04 Datasheet HTML 6Page - STMicroelectronics VNS14NV04 Datasheet HTML 7Page - STMicroelectronics VNS14NV04 Datasheet HTML 8Page - STMicroelectronics VNS14NV04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2/29
VNB14NV04 / VND14NV04 / VND14NV04-1 / VNP14NV04 / VNS14NV04
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
Symbol
Parameter
Value
Unit
SO-8
DPAK
TO-220
IPAK
D2PAK
VDS
Drain-source Voltage (VIN=0V)
Internally Clamped
V
VIN
Input Voltage
Internally Clamped
V
IIN
Input Current
+/-20
mA
RIN MIN
Minimum Input Series Impedance
10
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
-15
A
VESD1
Electrostatic Discharge (R=1.5K
Ω, C=100pF)
4000
V
VESD2
Electrostatic Discharge on output pin only
(R=330
Ω, C=150pF)
16500
V
Ptot
Total Dissipation at Tc=25°C
4.6
74
74
74
74
W
EMAX
Maximum Switching Energy (L=0.4mH;
RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=18A)
93
93
mJ
Tj
Operating Junction Temperature
Internally limited
°C
Tc
Case Operating Temperature
Internally limited
°C
Tstg
Storage Temperature
-55 to 150
°C
SOURCE
DRAIN
INPUT
1
(*) For the pins configuration related to DPAK, D2PAK, IPAK, TO-220 see outlines at page 1.
CURRENT AND VOLTAGE CONVENTIONS
ID
IIN
VIN
VDS
RIN
DRAIN
DRAIN
DRAIN
DRAIN
INPUT
SOURCE
SOURCE
SOURCE
1
4
5
8
SO-8 Package (*)


Similar Part No. - VNS14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
1Mb / 31P
   OMNIFET II fully autoprotected Power MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
1Mb / 31P
   fully autoprotected Power MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
More results

Similar Description - VNS14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04D STMICROELECTRONICS-VNS3NV04D Datasheet
241Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB35NV04TR-E STMICROELECTRONICS-VNB35NV04TR-E Datasheet
414Kb / 19P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VND1NV04 STMICROELECTRONICS-VND1NV04 Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D-E STMICROELECTRONICS-VNS1NV04D-E Datasheet
252Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
488Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04 Datasheet
418Kb / 21P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNP49N04FI STMICROELECTRONICS-VNP49N04FI Datasheet
133Kb / 14P
   ?쏰MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com