Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCUT0714A-HD1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VCUT0714A-HD1
Description  Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCUT0714A-HD1 Datasheet(HTML) 4 Page - Vishay Siliconix

  VCUT0714A-HD1 Datasheet HTML 1Page - Vishay Siliconix VCUT0714A-HD1 Datasheet HTML 2Page - Vishay Siliconix VCUT0714A-HD1 Datasheet HTML 3Page - Vishay Siliconix VCUT0714A-HD1 Datasheet HTML 4Page - Vishay Siliconix VCUT0714A-HD1 Datasheet HTML 5Page - Vishay Siliconix VCUT0714A-HD1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 81801
Rev. 1.0, 22-Nov-07
VCUT0714A-HD1
Vishay Semiconductors
For technical support, please contact: ESD-Protection@vishay.com
Package Dimensions in millimeters (inches): LLP1006-2L
Figure 7. Typical Clamping Performance at - 8 kV
Contact Discharge (acc. IEC 61000-4-2)
- 10 0
10 20 30 40 50 60 70 8090
t (ns)
acc. IEC 61000-4-2
- 8 kV
contact discharge
Pin 1 to 2
20580
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Figure 8. Typical Peak Clamping Voltage at ESD
Contact Discharge (acc. IEC 61000-4-2)
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
V
ESD (kV)
acc. IEC 61000-4-2
contact discharge
V
C-ESD
Pin 1 to 2
Pin 2 to 1
20575
20812
foot print recommendation:
solder
resist mask
solder pad
0.45 [0.018]
0.35 [0.014]
0.3 [0.012]
0.2 [0.008]
1.05 [0.041]
0.95 [0.037]
soldermask opening ± 0.03
measured middle of the package
0.65 [0.026]
0.55 [0.022]
0.05 [0.002]
0.25 [0.010]
0.5 [0.020]
1 [0.039]
Rev. 2 - Date: 22.October.2007
Document no.: S8-V-3906.04-005 (4)
Orientation Identification


Similar Part No. - VCUT0714A-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1 Datasheet
120Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1 Datasheet
138Kb / 6P
   Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
Rev. 2.5, 04-May-2020
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1 Datasheet
139Kb / 6P
   Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0714A-HD1-GS08 VISHAY-VCUT0714A-HD1-GS08 Datasheet
120Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_10 Datasheet
120Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
More results

Similar Description - VCUT0714A-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714-HD1 VISHAY-VCUT0714-HD1 Datasheet
138Kb / 6P
   Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
Rev. 2.5, 04-May-2020
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_V01 Datasheet
139Kb / 6P
   Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_10 Datasheet
120Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1_V01 Datasheet
333Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1 Datasheet
96Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1_V01 Datasheet
135Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1 Datasheet
320Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.1, 31-May-12
VCUT0505-HD1 VISHAY-VCUT0505-HD1 Datasheet
134Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
Rev. 2.3, 03-Jan-2019
VCUT0714A-02Z-GS08 VISHAY-VCUT0714A-02Z-GS08 Datasheet
114Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD923
Rev. 1.8, 09-Aug-09
VCUT0610AHD1 VISHAY-VCUT0610AHD1 Datasheet
104Kb / 5P
   Bidirectional Asymmetrical (BiAs) Single Line ESD Protection
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com