Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM7308G-65504Y-Q1 Datasheet(PDF) 10 Page - Power-One

Part # ZM7308G-65504Y-Q1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7308G-65504Y-Q1 Datasheet(HTML) 10 Page - Power-One

Back Button ZM7308G-65504Y-Q1 Datasheet HTML 6Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 7Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 8Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 9Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 10Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 11Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 12Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 13Page - Power-One ZM7308G-65504Y-Q1 Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 10 of 32
Table 1. DPM Setup Registers
Address
Offset
1
Register
Name
Content
Register
Type
User
Access
Write
Protect
Initial Value
0x00
GD1[3:0]
Group Definition Register 1
Static
R/W
yes
0x00000000
0x04
GD2[3:0]
Group Definition Register 2
Static
R/W
yes
0x00000000
0x08
GAC
Group A Configuration
Static
R/W
yes
0x00
0x09
GBC
Group B Configuration
Static
R/W
yes
0x00
0x0A
GCC
Group C Configuration
Static
R/W
yes
0x00
0x0B
GDC
Group D Configuration
Static
R/W
yes
0x00
0x0C
FPC1
Fault Propagation Configuration 1
Static
R/W
yes
0x00
0x0D
FPC2
Fault Propagation Configuration 2
Static
R/W
yes
0x00
0x0E
EPC
Error Propagation Configuration
Static
R/W
yes
0x00
0x0F
IC1
Interrupt Configuration 1
Static
R/W
yes
0x00
0x10
IC2
Interrupt Configuration 2
Static
R/W
yes
0x00
0x11
IBL[1:0]
IBV Low threshold
Static
R/W
yes
0x00
0x13
IBH[1:0]
IBV high threshold
Static
R/W
yes
0xFF
0x15
ID[1:0]
DPM Customer Identification
Static
OTP
N/A
0xFFFF
0x17
PB1[3:0]
Parallel Bus Register 1
Static
R/W
yes
0x00000000
0x1B
PB2[3:0]
Parallel Bus Register 2
Static
R/W
yes
0x00000000
0x1F
PB3[3:0]
Parallel Bus Register 3
Static
R/W
yes
0x00000000
0x23
PB4[3:0]
Parallel Bus Register 4
Static
R/W
yes
0x00000000
0x27
PMC
Power Manager Configuration
Static
R/W
yes
0x00
0x28
PID[31:0]
POL Identification Register
Static
R/W
yes
0x00
0x80
RTC[3:0]
Run Time Counter
Run time
R
Read only
value at last shut-down
0x84
PPS[3:0]
POL Programming Status
Run time
R
(4x) 0x00
0x88
EST
Event Status
Run time
R
0x00
0x89
IBV[1:0]
IB Voltage
Run time
R
0x00
0x8B
STA
Status of Group A
Run time
R
0x00
0x8C
STB
Status of Group B
Run time
R
0x00
0x8D
STC
Status of Group C
Run time
R
0x00
0x8E
STD
Status of Group D
Run time
R
0x00
0x8F
REL[1:0]
DPM Software Release
Static
R
According to DPM type
0x91
PSS[3:0]
POL Status Summary
Run time
R
0x00
0x95
DPMS
DPM Status
Run time
R
0x01
0x96
WP
Write Protection
Volatile
R/W
0x00
______________________________________
1
Writing into memory locations beyond address offset 0x96 must be avoided
The static registers are saved in the non-volatile memory and used to store the system configuration data. The
run-time registers contain status information and are evaluated during run-time. The Write Protection register WP
is a volatile register that defaults to write protect at power-up.
10.1.3 POL Setup Registers
Since the POL converters contain only RAM, the data defining performance parameters for each POL and
Auxiliary Device, such as the output voltage, protection thresholds, feedback loop compensation, turn-on and turn-
off delays, fault management settings, etc., is stored in the POL setup registers in the DPM. The POL setup
registers consist of 23 data bytes and 2 CRC bytes. The Auxiliary Device setup registers occupy the same
amount of bytes as a POL converter, but only 3 registers have meaningful data. The other registers should be
filled with 0x00. The POL setup registers are listed in Table 2.


Similar Part No. - ZM7308G-65504Y-Q1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7308G-65504-B1 POWER-ONE-ZM7308G-65504-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7308G-65504-B2 POWER-ONE-ZM7308G-65504-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7308G-65504-Q1 POWER-ONE-ZM7308G-65504-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7308G-65504-T1 POWER-ONE-ZM7308G-65504-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7308G-65504-T2 POWER-ONE-ZM7308G-65504-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7308G-65504Y-Q1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com