Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW320ZXC-4 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYW320ZXC-4
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW320ZXC-4 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYW320ZXC-4 Datasheet HTML 1Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 2Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 3Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 4Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 5Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 6Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 7Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 8Page - Cypress Semiconductor CYW320ZXC-4 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
W320-04
Document #: 38-07010 Rev. *C
Page 4 of 17
Serial Data Interface (SMBus)
To enhance the flexibility and function of the clock synthesizer,
a two-signal SMBus interface is provided according to SMBus
specification. Through the Serial Data Interface, various
device functions such as individual clock output buffers, can
be individually enabled or disabled. W320-04 supports both
block read and block write operations.
The registers associated with the Serial Data Interface
initialize to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface can also be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts only block writes from
the controller. The bytes must be accessed in sequential order
from lowest to highest byte, (most significant bit first) with the
ability to stop after any complete byte has been transferred.
Indexed bytes are not allowed.
A block write begins with a slave address and a WRITE
condition. The R/W bit is used by the SMBus controller as a
data direction bit. A zero indicates a WRITE condition to the
clock device. The slave receiver address is 11010010 (D2h).
A command code of 0000 0000 (00h) and the byte count bytes
are required for any transfer. After the command code, the
core logic issues a byte count which describes number of
additional bytes required for the transfer, not including the
command code and byte count bytes. For example, if the host
has 20 data bytes to send, the first byte would be the number
20 (14h), followed by the 20 bytes of data. The byte count byte
is required to be a minimum of 1 byte and a maximum of 32
bytes It may not be 0. Figure 1 shows an example of a block
write.
A transfer is considered valid after the acknowledge bit corre-
sponding to the byte count is read by the controller.
Data Byte Configuration Map
Start
bit
Slave Address
1 1 0 1 0 0 1 0
R/W 0/1 A
Command
Code
0 0 0 0 0 0 0 0
A Byte Count = N A Data Byte 0 A . . . Data Byte N-1 AStop
bit
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1 1 bit
From Master to Slave
From Slave to Master
Figure 1. An Example of a Block Write
Data Byte 0: Control Register (0 = Enable, 1 = Disable)
Bit
Affected
Pin#
Name
Description
Type
Power On
Default
Bit 7
5, 6, 7, 10,
11, 12, 13,
16, 17, 18,
33, 35
PCI [0:6]
CPU[2:0]
3V66[1:0]
Spread Spectrum Enable
0 = Spread Off, 1 = Spread On
R/W
0
Bit 6
TBD
TBD
R
0
Bit 5
35
3V66_1/VCH
VCH Select 66 MHz/48 MHz
0 = 66 MHz, 1 = 48 MHz
R/W
0
Bit 4
44, 45, 48,
49, 51, 52
CPU [2:0]
CPU# [2:0]
CPU_STOP#
Reflects the current value of the external CPU_STOP# pin
RN/A
Bit 3
10, 11, 12,
13, 16, 17,
18
PCI [6:0]
PCI_STOP#
(Does not affect PCI_F [2:0] pins)
R/W
N/A
Bit 2
S2
Reflects the value of the S2 pin sampled on power-up
RN/A
Bit 1
S1
Reflects the value of the S1 pin sampled on power-up
RN/A
Bit 0
S0
Reflects the value of the S1 pin sampled on power-up
RN/A


Similar Part No. - CYW320ZXC-4

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CYW320ZXC-4 SPECTRALINEAR-CYW320ZXC-4 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CYW320ZXC-4 SILABS-CYW320ZXC-4 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
CYW320ZXC-4T SPECTRALINEAR-CYW320ZXC-4T Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CYW320ZXC-4T SILABS-CYW320ZXC-4T Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - CYW320ZXC-4

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com