Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW180-02SX Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYW180-02SX
Description  Peak Reducing EMI Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW180-02SX Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYW180-02SX Datasheet HTML 1Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 2Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 3Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 4Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 5Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 6Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 7Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 8Page - Cypress Semiconductor CYW180-02SX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W180
Document #: 38-07156 Rev. *B
Page 5 of 10
Absolute Maximum Ratings[1]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 3.3V ±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
18
32
mA
tON
Power Up Time
First locked clock cycle after Power
Good
5ms
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 2
–50
µA
IIH
Input High Current
Note 2
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 3.3V
15
mA
IOH
Output High Current
@ 2.4V, VDD = 3.3V
15
mA
CI
Input Capacitance
7pF
RP
Input Pull-Up Resistor
500
k
ZOUT
Clock Output Impedance
25
Notes:
1. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
2. Inputs FS2:1& SS% have a pull-up resistor; Input SSON# has a pull-down resistor.


Similar Part No. - CYW180-02SX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW181-01SX CYPRESS-CYW181-01SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-01SXT CYPRESS-CYW181-01SXT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-02SX CYPRESS-CYW181-02SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-02SXT CYPRESS-CYW181-02SXT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-03SX CYPRESS-CYW181-03SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
More results

Similar Description - CYW180-02SX

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com