Part Name
         Description
W180_05

 Peak Reducing EMI Solution ( 10 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 1 page
background image
Peak Reducing EMI Solution
W180
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07156 Rev. *B
Revised October 5, 2005
Features
• Cypress PREMIS™ family offering
• Generates an EMI optimized clocking signal at the
output
• Selectable output frequency range
• Single 1.25% or 3.75% down or center spread output
• Integrated loop filter components
• Operates with a 3.3V or 5V supply
• Low power CMOS design
• Available in 8-pin SOIC (Small Outline Integrated
Circuit)
Key Specifications
Supply Voltages:............................................VDD = 3.3V±5%
or VDD = 5V±10%
Frequency Range:...............................8 MHz < Fin < 28 MHz
Cycle to Cycle Jitter: ........................................ 300 ps (max.)
Selectable Spread Percentage:.................... 1.25% or 3.75%
Output Duty Cycle: ............................... 40/60% (worst case)
Output Rise and Fall Time:...................................5 ns (max.)
Table 1. Modulation Width Selection
SS%
W180-01, 02, 03
Output
W180-51, 52, 53
Output
0Fin > Fout > Fin – 1.25% Fin + 0.625% > Fin > – 0.625%
1Fin > Fout > Fin – 3.75% Fin + 1.875% > Fin > –1.875%
Table 2. Frequency Range Selection
FS2
FS1
W180 Option#
-01, 51
(MHz)
-02, 52
(MHz)
-03, 53
(MHz)
00
8 < FIN < 10
8 < FIN < 10
N/A
01
10 < FIN < 15 10 < FIN < 15
N/A
10
15 < FIN < 18
N/A
15 < FIN < 18
11
18 < FIN < 28
N/A
18 < FIN < 28
Simplified Block Diagram
Pin Configurations
Spread Spectrum
W180
(EMI suppressed)
3.3V or 5.0V
Oscillator or
Spread Spectrum
W180
(EMI suppressed)
3.3V or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
8
7
6
5
1
2
3
4
CLKIN or X1
NC or X2
GND
SS%
SSON#
FS1
VDD
CLKOUT
8
7
6
5
1
2
3
4
CLKIN or X1
NC or X2
GND
SS%
FS2
FS1
VDD
CLKOUT
SOIC



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NUF2222FC2 Line USB 1.1 Upstream EMI Filter 1 2 3 4 5 MoreON Semiconductor
NUF8410MNLow Capacitance 8 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
NUF9005MNLow Capacitance 8 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
EM8DLP-100LEMI FILTER/TVS ARRAY 1 2 3 4 Protek Devices
SP483E_05Enhanced Low EMI Half-Duplex RS-485 Transceiver 1 2 3 4 5 MoreSipex Corporation
ASSMLOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR 1 2 Abracon Corporation
PHE843EMI suppressor class X2 metallized polypropylene 0.01-6.8 uF 275/280 VAC +105C For replacement see PHE840M 1 2 List of Unclassifed Manufacturers
NUF6005MU6 Line EMI Filter with ESD Protection in UDFN Package 1 2 3 4 ON Semiconductor
EMIF08-1005M168-line IPAD™ low capacitance EMI filter and ESD protection in micro QFN package 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl