Part Name
         Description
W180_05

 Peak Reducing EMI Solution ( 10 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 6 page
background image
W180
Document #: 38-07156 Rev. *B
Page 6 of 10
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power Up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 3
–50
µA
IIH
Input High Current
Note 3
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
7pF
RP
Input Pull-Up Resistor
500
k
ZOUT
Clock Output Impedance
25
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% or 5V±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency (-01)
Input Clock, Note 4
8
28
MHz
fOUT
Output Frequency (-01)
Spread Off, Note 4
8
28
MHz
tR
Output Rise Time
15-pF load 0.8V–2.4V
2
5
ns
tF
Output Fall Time
15-pF load 2.4 –0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 20 MHz, third harmonic
measured, reference board, 15-pF
load
8dB
Notes:
3. Inputs FS1:2 have a pull-up resistor; Input SSON# has a pull-down resistor.
4. Frequency range listed for -01 version. See Table 2 for frequency range of -02 and -03 versions.



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NUF2222FC2 Line USB 1.1 Upstream EMI Filter 1 2 3 4 5 MoreON Semiconductor
NUF8410MNLow Capacitance 8 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
NUF9005MNLow Capacitance 8 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
EM8DLP-100LEMI FILTER/TVS ARRAY 1 2 3 4 Protek Devices
SP483E_05Enhanced Low EMI Half-Duplex RS-485 Transceiver 1 2 3 4 5 MoreSipex Corporation
ASSMLOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR 1 2 Abracon Corporation
PHE843EMI suppressor class X2 metallized polypropylene 0.01-6.8 uF 275/280 VAC +105C For replacement see PHE840M 1 2 List of Unclassifed Manufacturers
NUF6005MU6 Line EMI Filter with ESD Protection in UDFN Package 1 2 3 4 ON Semiconductor
EMIF08-1005M168-line IPAD™ low capacitance EMI filter and ESD protection in micro QFN package 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl