Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW134MOXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW134MOXC
Description  Direct Rambus??Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW134MOXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW134MOXC Datasheet HTML 1Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 2Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 3Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 4Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 5Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 6Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 7Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 8Page - Cypress Semiconductor CYW134MOXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W134M/W134S
Document #: 38-07426 Rev. *C
Page 2 of 12
Pin Definitions
Pin Name
No.
Type
Description
REFCLK
2
I
Reference Clock Input. Reference clock input, normally supplied by a system frequency
synthesizer (Cypress W133).
PCLKM
6
I
Phase Detector Input. The phase difference between this signal and SYNCLKN is used
to synchronize the Rambus Channel Clock with the system clock. Both PCLKM and
SYNCLKN are provided by the Gear Ratio Logic in the memory controller. If Gear Ratio
Logic is not used, this pin would be connected to Ground.
SYNCLKN
7
I
Phase Detector Input. The phase difference between this signal and PCLKM is used to
synchronize the Rambus Channel Clock with the system clock. Both PCLKM and
SYNCLKN are provided by the Gear Ratio Logic in the memory controller. If Gear Ratio
Logic is not used, this pin would be connected to Ground.
STOPB
11
I
Clock Output Enable. When this input is driven to active LOW, it disables the differential
Rambus Channel clocks.
PWRDNB
12
I
Active LOW Power-down. When this input is driven to active LOW, it disables the differ-
ential Rambus Channel clocks and places the W134M/W134S in power-down mode.
MULT 0:1
15, 14
I
PLL Multiplier Select. These inputs select the PLL prescaler and feedback dividers to
determine the multiply ratio for the PLL for the input REFCLK.
CLK, CLKB
20, 18
O
Complementary Output Clock. Differential Rambus Channel clock outputs.
S0, S1
24, 23
I
Mode Control Input. These inputs control the operating mode of the W134M/W134S.
NC
19
No Connect
VDDIR
1
RefV Reference for REFCLK. Voltage reference for input reference clock.
VDDIPD
10
RefV Reference for Phase Detector. Voltage reference for phase detector inputs and StopB.
VDD
3, 9, 16, 22
P
Power Connection. Power supply for core logic and output buffers. Connected to 3.3V
supply.
GND
4, 5, 8, 13, 17,
21
G
Ground Connection. Connect all ground pins to the common system ground plane.
MULT1
0
1
1
0
MULT0
0
0
1
1
W134M
PLL/REFCLK
4.5
6
8
5.333
W134S
PLL/REFCLK
4
6
8
5.333
S1
0
1
0
1
S0
0
0
1
1
MODE
Normal
Output Enable Test
Bypass
Test
W134M/W134S
Refclk
W133
PLL
Phase
Align
D
4
DLL
RAC
RMC
M
N
Gear
Ratio
Logic
Pclk
Busclk
Synclk
W158
W159
W161
W167
Figure 1. DDLL System Architecture
CY2210


Similar Part No. - CYW134MOXC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CYW134MOXC SILABS-CYW134MOXC Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
CYW134MOXCT SILABS-CYW134MOXCT Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results

Similar Description - CYW134MOXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com