Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W152 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W152
Description  Spread Aware?? Eight Output Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W152 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W152_02 Datasheet HTML 1Page - Cypress Semiconductor W152_02 Datasheet HTML 2Page - Cypress Semiconductor W152_02 Datasheet HTML 3Page - Cypress Semiconductor W152_02 Datasheet HTML 4Page - Cypress Semiconductor W152_02 Datasheet HTML 5Page - Cypress Semiconductor W152_02 Datasheet HTML 6Page - Cypress Semiconductor W152_02 Datasheet HTML 7Page - Cypress Semiconductor W152_02 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
W152
Document #: 38-07148 Rev. *A
Page 4 of 8
Absolute Maximum Ratings[3]
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: TA =0°C to 70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
Unloaded, 100 MHz
40
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 12 mA (-11, -12)
IOL = 8 mA (-1, -2, -3, -4)
0.4
V
VOH
Output High Voltage
IOH = 12 mA (-11, -12)
IOH = 8 mA (-1, -2, -3, -4)
2.4
V
IIL
Input Low Current
VIN = 0V
50
µA
IIH
Input High Current
VIN = VDD
50
µA
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency
Note 4
15
140
MHz
fOUT
Output Frequency
15-pF load[9]
15
140
MHz
tR
Output Rise Time (-1, -2, -3, -4)
0.8V to 0.8V, 15-pF load
2
2.5
ns
Output Rise Time (-11, -12)
0.8V to 0.8V, 15-pF load
1.5
ns
tF
Output Fall Time (-1, -2, -3, -4)
2.0V to 0.8V, 15-pF load
2
2.5
ns
Output Rise Time (-11, -12)
2.0V to 0.8V, 20-pF load
1.5
ns
tICLKR
Input Clock Rise Time[5]
4.5
ns
tICLKF
Input Clock Fall Time[5]
4.5
ns
tPD
FBIN to REF Skew[6, 7]
350
ps
tSK
Output to Output Skew
All outputs loaded equally[11]
215
ps
tD
Duty Cycle
15-pF load[8, 9]
45
50
55
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
Note 10
225
ps
Notes:
3.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4.
Input frequency is limited by output frequency range and input to output frequency multiplication factor (which is determined by circuit configuration). See
Table 1.
5.
Longer input rise and fall time will degrade skew and jitter performance.
6.
All AC specifications are measured with a 50
Ω transmission line.
7.
Skew is measured at VDD/2 on rising edges.
8.
Duty cycle is measured at VDD/2.
9.
For the higher drive -11 and -12, the load is 20 pF.
10. For frequencies above 25 MHz CY - CY = 125 ps.
11. Measured across all outputs. Maximum skew between outputs in the same bank is 100 ps.


Similar Part No. - W152_02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
More results

Similar Description - W152_02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
W132 CYPRESS-W132 Datasheet
135Kb / 6P
   Spread Aware, Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_11 Datasheet
211Kb / 11P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
   Spread Aware, Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com