Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W144 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W144
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W144_04 Datasheet HTML 1Page - Cypress Semiconductor W144_04 Datasheet HTML 2Page - Cypress Semiconductor W144_04 Datasheet HTML 3Page - Cypress Semiconductor W144_04 Datasheet HTML 4Page - Cypress Semiconductor W144_04 Datasheet HTML 5Page - Cypress Semiconductor W144_04 Datasheet HTML 6Page - Cypress Semiconductor W144_04 Datasheet HTML 7Page - Cypress Semiconductor W144_04 Datasheet HTML 8Page - Cypress Semiconductor W144_04 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 3 of 14
Key Specifications
CPU Cycle-to-Cycle Jitter: ......................................... 250 ps
CPU to CPU Output Skew: ........................................ 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
VDDQ3:..................................................................... 3.3V±5%
VDDQ2:..................................................................... 2.5V±5%
SDRAMIN to SDRAM0:11 Delay: ......................... 3.7 ns typ.
SDRAM0:11 (leads) to SDRAM_F Skew: ............. 0.4 ns typ.
Overview
The W144 was developed as a single-chip device to meet the
clocking needs of the Intel 440BX AGPset. In addition to the
typical outputs provided by standard 100-MHz 440BX FTGs,
the W144 adds a thirteen output buffer, supporting SDRAM
DIMM modules in conjunction with the chipset.
Cypress’s proprietary spread spectrum frequency synthesis
technique is a feature of the CPU and PCI outputs. When
enabled, this feature reduces the peak EMI measurements of
not only the output signals and their harmonics, but also of any
other clock signals that are properly synchronized to them.
Functional Description
I/O Pin Operation
Pins 7, 8, 25, 26, and 46 are dual-purpose l/O pins. Upon
power-up these pins act as logic inputs, allowing the determi-
nation of assigned device functions. A short time after
power-up, the logic state of each pin is latched and the pins
become clock outputs. This feature reduces device pin count
by combining clock outputs with input select pins.
An external 10-k
Ω “strapping” resistor is connected between
the l/O pin and ground or VDD. Connection to ground sets a
latch to “0,” connection to VDD sets a latch to “1.” Figure 1 and
Figure 2 show two suggested methods for strapping resistor
connections.
Upon W144 power up, the first 2 ms of operation is used for
input logic selection. During this period, the five I/O pins (7, 8,
25, 26, 46) are three-stated, allowing the output strapping
resistor on the l/O pins to pull the pin and their associated
capacitive clock load to either a logic HIGH or LOW state. At
the end of the 2ms period, the established logic “0” or “1”
condition of the l/O pin is latched. Next the output buffer is
enabled converting the l/O pins into operating clock outputs.
The 2-ms timer starts when VDD reaches 2.0V. The input bits
can only be reset by turning VDD off and then back on again.
It should be noted that the strapping resistors have no signif-
icant effect on clock output signal integrity. The drive
impedance of clock outputs are <40
Ω (nominal) which is
minimally affected by the 10-k
Ω strap to ground or VDD. As
with the series termination resistor, the output strapping
resistor should be placed as close to the l/O pin as possible in
order to keep the interconnecting trace short. The trace from
the resistor to ground or VDD should be kept less than two
inches in length to prevent system noise coupling during input
logic sampling.
When the clock outputs are enabled following the 2-ms input
period, the specified output frequency is delivered on the pin,
assuming that VDD has stabilized. If VDD has not yet reached
full value, output frequency initially may be below target but will
increase to target once VDD voltage has stabilized. In either
case, a short output clock cycle may be produced from the
CPU clock outputs when the outputs are enabled.
Table 2. Mode Input Table
Mode
Pin2
0PCI_STOP#
1REF0
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W144
VDD
Clock Load
10 k
Output
Buffer
(Load Option 1)
10 k
(Load Option 0)
Output
Low
Output Strapping Resistor
Series Termination Resistor
Figure 1. Input Logic Selection Through Resistor Load Option


Similar Part No. - W144_04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144H CYPRESS-W144H Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144H SPECTRALINEAR-W144H Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144HT SPECTRALINEAR-W144HT Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W144_04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149 Datasheet
157Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com