Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W40S11 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W40S11
Description  Clock Buffer/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W40S11 Datasheet HTML 3Page - Cypress Semiconductor W40S11 Datasheet HTML 4Page - Cypress Semiconductor W40S11 Datasheet HTML 5Page - Cypress Semiconductor W40S11 Datasheet HTML 6Page - Cypress Semiconductor W40S11 Datasheet HTML 7Page - Cypress Semiconductor W40S11 Datasheet HTML 8Page - Cypress Semiconductor W40S11 Datasheet HTML 9Page - Cypress Semiconductor W40S11 Datasheet HTML 10Page - Cypress Semiconductor W40S11 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
W40S11-23
7
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
DC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V±5%
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
IDD
3.3V Supply Current
BUF_IN = 100 MHz
250
mA
Logic Inputs
VIL
Input Low Voltage
GND–0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+0.5
V
IILEAK
Input Leakage Current, BUF_IN
–5
+5
µA
IILEAK
Input Leakage Current[3]
–20
+5
µA
Logic Outputs (SDRAM0:12)
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
VOL = 1.5V
65
100
160
mA
IOH
Output High Current
VOH = 1.5V
70
110
185
mA
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
5pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Note:
3.
SDATA and SCLOCK logic pins have 250-k
Ω internal pull-up resistors.


Similar Part No. - W40S11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11 CYPRESS-W40S11 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11 CYPRESS-W40S11 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02H SPECTRALINEAR-W40S11-02H Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
   Buffer/Clock Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com