Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIFS794BZT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # IMIFS794BZT
Description  Low EMI Spectrum Spread Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIFS794BZT Datasheet(HTML) 3 Page - Cypress Semiconductor

  IMIFS794BZT Datasheet HTML 1Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 2Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 3Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 4Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 5Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 6Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 7Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 8Page - Cypress Semiconductor IMIFS794BZT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FS791/92/94
Document #: 38-07343 Rev *A
Page 3 of 9
Absolute Maximum Ratings[1, 2]
Parameter
Description
Min.
Max.
Unit
VDD
Operating Voltage
3.0
6.0
VDC
VIRVSS
Input, relative to VSS
–0.3
VDD + 0.3
VDC
VORVSS
Output, relative to VSS
–0.3
VDD + 0.3
VDC
∆V
PP
AVDD relative to DVDD
–100
+100
mV
∆V
SS
AVSS relative to DVSS
–100
+100
mV
TOP
Temperature, operating
0
+70
°C
TST
Temperature, Storage
–65
+150
°C
Table 2. DC Electrical Characteristics: Test measurements performed at VDD = 3.3V and 5.0V ±10%, Xin = 100 MHz, Ta =
0°C to 70°C
Parameter
Description
Min.
Typ.
Max.
Unit.
VIL
Input Low Voltage
0.8
VDC
VIH
Input High Voltage
2.0
VDC
IIL
Input Low Current
100
µA
IIH
Input High Current
100
µA
VOL
Output Low Voltage IOL= 10 mA, VDD = 5V
0.4
VDC
VOH
Output High Voltage IOH = 10 mA, VDD = 5V
VDD – 1.0
VDC
VOL
Output Low Voltage IOL = 6 mA, VDD = 3.3V
0.4
VDC
VOH
Output High Voltage IOH = 5 mA, VDD = 3.3V
2.4
VDC
Cin1
Input Capacitance (Pin-1)
6
8
10
pF
Cin2
Output Capacitance (Pin-2)
6
8
10
pF
ICC
5-Volt Dynamic Supply Current (CL = O)
45
55
mA
ICC
3.3-Volt Dynamic Supply Current (CL = O)
22
28
mA
ISC
Short Circuit Current (FM-OUT)
25
VDC
Table 3. Timing Characteristics: Test measurements performed at VDD = 3.3V and 5.0V ±10%, Ta = 0°C to 70°C, CL = 20 pF,
Xin = 100 MHz
Parameter
Description
Min.
Typ.
Max.
Unit
tTLH
Output Rise Time Measured at 10% - 90% @ 5 VDC
2.0
2.2
2.5
ns
tTHL
Output Fall Time Measured at 10% - 90% @ 5 VDC
1.7
2.0
2.2
ns
tTLH
Output Rise Time Measured at 0.8V - 2.0V @ 5 VDC
0.50
0.65
0.75
ns
tTHL
Output Fall Time Measured at 0.8V - 2.0 V @ 5 VDC
0.50
0.65
0.75
ns
tTLH
Output Rise Time Measured at 10% - 90% @ 3.3 VDC
2.60
2.65
2.90
ns
tTHL
Output Fall Time Measured at 10% - 90% @ 3.3 VDC
2.00
2.10
2.20
ns
tTLH
Output Rise Time Measured at 0.8V - 2.0V @ 3.3 VDC
0.80
0.95
1.10
ns
tTHL
Output Fall Time Measured at 0.8V - 2.0 V @ 3.3 VDC
0.78
0.85
0.90
ns
TsymF1
Output Duty Cycle
45
50
55
%
tj1s
Peak-to Peak Jitter One Sigma
-
150
250
ps
Note:
1.
Single Power Supply: The voltage on any input or I/O pin cannot excceed the power pin during power-up.
2.
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, precautions should be taken to avoid
application of any voltage higher than the absolute maximum rated voltages to this circuit. For proper operation, Vin and Vout should be constrained to the
range, VSS < (Vin or Vout) < VDD. All digital inputs are tied HIGH or LOW internally. Refers to electrical specifications for operating supply range.


Similar Part No. - IMIFS794BZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIFS781BT CYPRESS-IMIFS781BT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BTT CYPRESS-IMIFS781BTT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BZB CYPRESS-IMIFS781BZB Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS781BZBT CYPRESS-IMIFS781BZBT Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
IMIFS782BZB CYPRESS-IMIFS782BZB Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
More results

Similar Description - IMIFS794BZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
   Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com