Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT08PI-400 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYT08PI-400
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08PI-400 Datasheet(HTML) 5 Page - STMicroelectronics

  BYT08PI-400_98 Datasheet HTML 1Page - STMicroelectronics BYT08PI-400_98 Datasheet HTML 2Page - STMicroelectronics BYT08PI-400_98 Datasheet HTML 3Page - STMicroelectronics BYT08PI-400_98 Datasheet HTML 4Page - STMicroelectronics BYT08PI-400_98 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
Isolated TO220AC Plastic
Marking: type number
Cooling method: by conduction (method C)
Weight: 1.86g
Recommended torque value: 80cm. N
Maximum torque value: 100cm. N
b1
l2
a1
e
F
L
B
I
A
C
b2
c1
c2
a2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
14.23
15.87
0.560
0.625
a1
4.50
0.177
a2
12.70
14.70
0.500
0.579
B
10.20
10.45
0.402
0.411
b1
0.64
0.96
0.025
0.038
b2
1.15
1.39
0.045
0.055
C
4.48
4.82
0.176
0.190
c1
0.35
0.65
0.020
0.026
c2
2.10
2.70
0.083
0.106
e
4.58
5.58
0.180
0.220
F
5.85
6.85
0.230
0.270
I
3.55
4.00
0.140
0.157
L
2.54
3.00
0.100
0.118
l2
1.45
1.75
0.057
0.069
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval
of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
BYT 08PI-400
5/5


Similar Part No. - BYT08PI-400_98

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08PI-400 STMICROELECTRONICS-BYT08PI-400 Datasheet
101Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
BYT08PI-400 STMICROELECTRONICS-BYT08PI-400 Datasheet
94Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYT08PI-400_98

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com