Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV270M0101EQ-SXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYV270M0101EQ-SXC
Description  Adaptive Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ-SXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYV270M0101EQ-SXC Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 9Page - Cypress Semiconductor CYV270M0101EQ-SXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CYV270M0101EQ
Document Number: 001-06830 Rev. *B
Page 7 of 10
Typical Performance Graphs
(Unless otherwise stated, VCC = 3.3V, TA = 25°C)
Figure 2. MCLADJ Input Voltage vs. Belden 1694A Cable Length at SD-SDI Data Rate
Figure 3. CLI Output Voltage vs. Belden 1694A Cable Length at SD-SDI Data Rate
C ABL E L E N G T H (m )
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
0
5 0
1 00
15 0
2 00
25 0
3 0 0
3 5 0
C A BL E L E N G T H (m )
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
0
5 0
1 00
15 0
2 00
25 0
3 0 0
3 5 0
[+] Feedback


Similar Part No. - CYV270M0101EQ-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results

Similar Description - CYV270M0101EQ-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com