Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV270M0104EQ Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYV270M0104EQ
Description  Adaptive Video Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0104EQ Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYV270M0104EQ Datasheet HTML 1Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 2Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 3Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 4Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 5Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 6Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 7Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 8Page - Cypress Semiconductor CYV270M0104EQ Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYV270M0104EQ
Document Number: 001-12875 Rev. **
Page 4 of 9
Equalizer Operation
The CYV270M0104EQ is an adaptive video cable equalizer that
equalizes standard definition (SD) serial digital interface (SDI)
video data streams. The CYV270M0104EQ equalizer is
optimized to equalize up to 350m of Belden 1694A and Canare
L-5CFB cable at 270 Mbps. The device contains one power
supply and typically consumes 160 mW power at 3.3V. The
adaptive equalizer meets the SMPTE 259M and DVB-ASI video
standards. It meets all pathological requirements for SMPTE
259M as defined by RP178. The CYV270M0104EQ Video Cable
Equalizer is auto adaptive from 143 Mbps to 360 Mbps.
The CYV270M0104EQ equalizer has multiple variable gain
equalization stages that reverse the effects of the cable. This
equalization is achieved by separate regulation of the lower and
higher frequency components in the signal to give a clean output
eye diagram. The CYV270M0104EQ has DC restoration for
compensating the DC content of the SMPTE pathological
patterns.
SDI, SDI
CYV270M0104EQ accepts single-ended or differential serial
video data streams over 75
Ω coaxial cable. It is recommended
to AC couple the SDI and SDI inputs because they are internally
biased to 1.2V.
SDO, SDO
The CYV270M0104EQ has differential serial output interface
drivers that use Current Mode Logic (CML) drivers to provide
source matching for the transmission line. These outputs are
either AC coupled or DC coupled to HOTLink II receivers.
MCLADJ
Maximum Cable Length Adjust (MCLADJ) sets the approximate
maximum amount of cable to equalize. When the maximum
cable length set by MCLADJ is reached, the CD pin deasserts.
To enable automatic muting of the device when the signal is lost,
tie CD directly to MUTE.
The graph in Figure 2 on page 7 illustrates the voltage required
at MCLADJ input to equalize various Belden 1694A cables. The
same graph applies for Canare L-5CFB cables. If MCLADJ
functionality is not required, this pin should be left floating or tied
to ground to allow maximum equalized cable length.
MUTE
MUTE is an input pin that controls the muting of the equalizer’s
output.
If MUTE is set LOW, then the equalizer serial outputs are not
muted. If MUTE is set HIGH, then the equalizer serial outputs are
muted. When MUTE is active, the BYPASS setting is also
ignored.
Connecting CD to MUTE enables automatic muting of the
equalizer when the signal is lost.
Do not leave the MUTE pin floating. Always drive it to a known
state.
Carrier Detect (CD)
Carrier Detect is an active LOW output pin that indicates the
presence of a valid incoming data signal. When the incoming
data signal is present and maximum cable length does not
exceed the length that is set by MCLADJ, CD outputs a voltage
less than 0.8V.
When the incoming data stream is not present or maximum cable
length exceeds the length that is set by MCLADJ, CD outputs a
voltage greater than 2.8V.
Connecting CD to MUTE enables automatic muting of the
equalizer when the signal is lost.
BYPASS
The CYV270M0104EQ has a bypass mode that enables the user
to bypass the equalizer’s equalization and DC restoration
functions. When BYPASS is set HIGH, the signal presented at
the equalizer’s differential serial inputs (SDI, SDI) is routed to the
equalizer’s differential serial outputs (SDO, SDO) without equal-
izing.
When BYPASS is set LOW, the incoming video data stream is
equalized and presented at the equalizer‘s differential serial
outputs (SDO, SDO).
AGC
Place a 1
μF capacitor between the AGC and AGC pins of the
CYV270M0104EQ equalizer.
[+] Feedback


Similar Part No. - CYV270M0104EQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
More results

Similar Description - CYV270M0104EQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com