Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV270M0101EQ_0710 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYV270M0101EQ_0710
Description  Adaptive Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ_0710 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYV270M0101EQ_0710 Datasheet HTML 1Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYV270M0101EQ
Document Number: 001-06830 Rev. *B
Page 3 of 10
Table 1. Pin Descriptions - CYV270M0101EQ Single Channel Cable Equalizer
Name
IO Characteristics Signal Description
Control Signals
CLI
Analog Output
Cable Length Indicator. CLI provides an analog voltage proportional to the equalized
cable length.
CD/MUTE
LVTTL IO
Carrier Detect/Mute Indicator.
Output:
When the incoming data stream is present and the cable length does not exceed that set
by MCLADJ, the CD/MUTE outputs a voltage less than 0.8V.
When the incoming data stream is not present or the cable length exceeds that set by
MCLADJ, the CD/MUTE outputs a voltage greater than 2.8V.
Input:
When the CD/MUTE pin is set LOW, the equalizer’s differential serial outputs are not muted.
When the CD/MUTE pin is set HIGH, the equalizer’s differential serial outputs are muted.
MCLADJ
Analog Input
Maximum Cable Length Adjust. The maximum equalized cable length is set by the
voltage applied to the MCLADJ input. When the maximum cable length set by MCLADJ is
reached, CD is driven high and the differential output is muted.
If MCLADJ functionality is not needed, this pin should be left floating or tied to ground to
allow maximum equalized cable length.
BYPASS
LVTTL Input
Equalizer Bypass. When BYPASS is set HIGH, the signal presented at the equalizer’s
differential serial inputs (SDI, SDI) is routed to the equalizer’s differential serial outputs
(SDO, SDO) without equalizing.
When BYPASS is set LOW, the incoming video data stream is equalized and presented at
the equalizer‘s serial differential outputs (SDO, SDO).
In equalizer bypass mode, CD/MUTE is not functional.
AGC±
Analog
Automatic Gain Control. Place a capacitor of 1
μF between the AGC± pins.
SDO, SDO
Differential
Output
Differential Serial Outputs. The equalized serial video data stream is presented at the
SDO/SDO differential serial CML output.
SDI, SDI
Differential
Input
Differential Serial Inputs. SDI/SDI accepts either a single-ended or differential serial video
data stream over 75
Ω coaxial cable.
Power
VCC
Power
+3.3V Power.
GND
Gnd
Connect to Ground.
[+] Feedback


Similar Part No. - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results

Similar Description - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com