Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV270M0101EQ_0710 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYV270M0101EQ_0710
Description  Adaptive Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ_0710 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYV270M0101EQ_0710 Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 9Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CYV270M0101EQ
Document Number: 001-06830 Rev. *B
Page 8 of 10
Typical Application Circuit
Figure 4. Interfacing CYV270M0101EQ to the HOTLink II SerDes
CL I
1
VC C
2
VE E
3
SDI
4
SDI
5
VE E
6
AGC +
7
AG C
8
BY PA SS
9
MCL A DJ
10
VE E
11
SD O
12
SD O
13
VE E
14
VC C
15
16
CYV270M0101EQ
+3.3V
+3.3V
0.01
μF
0. 01
μF
+
1
μF
RX L E
SD AS EL
LP EN
IN SE L
IN1 +
IN1
FR AM C H A R
RFE N
RF M O DE
DE CM O D E
RX CK SE L
RX MOD E
RX RA TE
RX CL KC +
RX CL K
RX CL K+
RX ST 0
RX ST 1
RX ST 2
RX OP
RX D0
RX D1
RX D2
RX D3
RX D4
RX D5
RX D6
RX D7
LF I
CYV15G0101DXB
BNC JACK
6.4nH
1
μF
C10
C11
C12
C15
C16
R15
R14
R16
L2
75
Ω
Z0
Z0
2 Z
0
R18
CLI
75
Ω
75
Ω
37.4
Ω
CD/ MUTE
MCLADJ
CD/MU TE
1
μF
[+] Feedback


Similar Part No. - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results

Similar Description - CYV270M0101EQ_0710

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com