Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0104EQ-LXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYV15G0104EQ-LXC
Description  Multi Rate Video Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0104EQ-LXC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CYV15G0104EQ-LXC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0104EQ-LXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CYV15G0104EQ
Document Number: 001-07425 Rev. **
Page 7 of 9
Typical Performance Graphs
(Unless otherwise stated, VCC = 3.3V, TA = 25°C)
Figure 2. MCLADJ Input Voltage vs Belden 1694A Cable Length at SD-SDI and HD-SDI Data Rates
Typical Application Circuit
Figure 3. Interfacing CYV15G0104EQ to the HOTLink II SerDes
C A BL E L E N G T H (m )
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
0
50
1 00
15 0
200
250
30 0
350
2
3
4
5
6
7
9
10
11
12
13 14 15 16
CYV15G0104EQ
+3.3V
0. 0 1
μ F
0. 01
μ F
RXLE
SDASEL
LPEN
INSEL
IN1+
IN1-
FRAMCHAR
RFEN
RFMODE
DECMODE
RXCKSEL
RXMODE
RXRATE
RXCLKC+
RXCLK-
RXCLK+
RXST0
RXST1
RXST2
RXOP
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
LFI
C YV15G 0101DXB
BNC JACK
6.4nH
1
μ F
C12
C15
C16
R15
R14
R16
L2
75
Ω
Z0
Z0
2 Z0
R18
75
Ω
75
Ω
37.4
Ω
MCLADJ
1
μ F
+3.3V
C10
8
1
GND
SDI
SDI
GND
GND
SDO
SDO
GND
1
μ F
C11
[+] Feedback


Similar Part No. - CYV15G0104EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0104TRB-BGC CYPRESS-CYV15G0104TRB-BGC Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB-BGC CYPRESS-CYV15G0104TRB-BGC Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
More results

Similar Description - CYV15G0104EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101EQ CYPRESS-CYV15G0101EQ_07 Datasheet
250Kb / 10P
   Multi Rate Video Cable Equalizer
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
   Multi-Rate Video Cable Equalizer
CYV15G0101EQ CYPRESS-CYV15G0101EQ Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0103EQ CYPRESS-CYV15G0103EQ Datasheet
249Kb / 9P
   Prosumer Video Cable Equalizer
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com