Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0103EQ-LXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYV15G0103EQ-LXC
Description  Prosumer Video Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0103EQ-LXC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CYV15G0103EQ-LXC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CYV15G0103EQ
Document Number: 001-12874 Rev. **
Page 7 of 9
Typical Performance Graphs
(Unless otherwise stated, VCC = 3.3V, TA = 25°C)
Figure 2. MCLADJ Input Voltage vs Belden 1694A Cable Length at SD-SDI and HD-SDI Data Rates
Typical Application Circuit
Figure 3. Interfacing CYV15G0103EQ to the HOTLink II SerDes
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
0
20
40
60
80
100
120
140
160
CA BLE LENGTH (m)
2
3
4
5
6
7
9
10
11
12
13 14 15 16
CYV15G0103EQ
+3.3V
0.01
μF
0.01
μF
RXLE
SDASEL
LPEN
INSEL
IN1+
IN1-
FRAMCHAR
RFEN
RFMODE
DECMODE
RXCKSEL
RXMODE
RXRATE
RXCLKC+
RXCLK-
RXCLK+
RXST0
RXST1
RXST2
RXOP
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
LFI
C YV15G0101DXB
BNC JACK
6.4nH
1
μF
C12
C15
C16
R15
R14
R16
L2
75
Ω
Z0
Z0
2 Z0
R18
75
Ω
75
Ω
37.4
Ω
MCLADJ
1
μF
+3.3V
C10
8
1
GND
SDI
SDI
GND
GND
SDO
SDO
GND
1
μF
C11
[+] Feedback


Similar Part No. - CYV15G0103EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV15G0100EQ-SXC CYPRESS-CYV15G0100EQ-SXC Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
954Kb / 44P
   Single-channel HOTLink II Transceiver Compliant to multiple standards
More results

Similar Description - CYV15G0103EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV15G0101EQ CYPRESS-CYV15G0101EQ_07 Datasheet
250Kb / 10P
   Multi Rate Video Cable Equalizer
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
   Multi-Rate Video Cable Equalizer
CYV15G0104EQ CYPRESS-CYV15G0104EQ Datasheet
250Kb / 9P
   Multi Rate Video Cable Equalizer
logo
New Japan Radio
NJM2258 NJRC-NJM2258 Datasheet
262Kb / 7P
   VIDEO EQUALIZER
logo
Cypress Semiconductor
CYV15G0101EQ CYPRESS-CYV15G0101EQ Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com