Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0402DXB-BGXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYV15G0402DXB-BGXI
Description  Quad HOTLink II??SERDES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0402DXB-BGXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYV15G0402DXB-BGXI Datasheet HTML 4Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 5Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 6Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 7Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 8Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 9Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 10Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 11Page - Cypress Semiconductor CYV15G0402DXB-BGXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CYP15G0402DXB
CYV15G0402DXB
Document #: 38-02057 Rev. *G
Page 8 of 29
TXRATE
LVTTL Input,
asynchronous,
internal pull-up
Transmit PLL Clock Rate Select. When TXRATE = HIGH, the Transmit PLL multiplies
REFCLK by 20 to generate the serial bit-rate clock. When TXRATE = LOW, the transmit
PLL multiples REFCLK by 10 to generate the serial bit-rate clock. See Table 3 for a list
of operating serial rates.
When TXCKSEL = MID or HIGH (TXCLKx or TXCLKA selected to clock input register),
TXRATE = HIGH (Half-rate REFCLK) is an invalid mode of operation.
TXRST
LVTTL Input,
asynchronous,
internal pull-up,
sampled by
REFCLK
[4]
Transmit Clock Phase Reset. Active LOW. When sampled LOW, the transmit
Phase-align Buffers are allowed to adjust their data-transfer timing (relative to the
selected input clock) to allow clean transfer of data from the Input Register to the
Transmit Shifter. When TXRST is sampled HIGH, the internal phase relationship
between the associated TXCLKx and the internal character-rate clock is fixed and the
device operates normally.
When configured for half-rate REFCLK sampling of the transmit character stream
(TXCKSEL = LOW and TXRATE = HIGH), assertion of TXRST is only used to clear
Phase-align buffer faults caused by highly asymmetric REFCLK periods or REFCLKs
with excessive cycle-to-cycle jitter. During this alignment period, one or more characters
may be added to or lost from all the associated transmit paths as the transmit
Phase-align Buffers are adjusted. TXRST must be sampled LOW by a minimum of two
consecutive rising edges of REFCLK to ensure the reset operation is initiated correctly
on all channels. This input is ignored when both TXCKSEL and TXRATE are LOW, since
the phase align buffer is bypassed. In all other configurations, TXRST should be
asserted during device initialization to ensure proper operation of the Phase-align buffer.
TXRST should be asserted after the assertion and deassertion of TRSTZ, after the
presence of a valid TXCLKx and after allowing enough time for the TXPLL to lock to the
reference clock (as specified by parameter tTXLOCK).
Receive Path Data Signals
RXDA[9:0]
RXDB[9:0]
RXDC[9:0]
RXDD[9:0]
LVTTL Output,
synchronous to the
selected RXCLKx
Receive Data Output. These outputs change following the rising edge of the selected
receive interface clock.
COMDETA
COMDETB
COMDETC
COMDETD
LVTTL Output,
synchronous to the
selected RXCLKx
Frame Character Detected. COMDETx = HIGH indicates the presence of a Framing
character in that Output Register.
RXOPA
RXOPB
RXOPC
RXOPD
Three-state, LVTTL
Output,synchronous
to the selected
RXCLKx
↑ output
Receive Path Odd Parity. When parity generation is enabled (PARCTL
≠ LOW), the
parity output at these pins is valid for the data on the associated RXDx bus bits. When
parity generation is disabled (PARCTL = LOW) these output drivers are disabled
(High-Z).
Receive Path Clock and Clock Control
RFENA
RFENB
RFENC
RFEND
LVTTL Input,
asynchronous,
internal pull-down
Reframe Enable. Active HIGH. When HIGH the framer for the associated channel is
enabled to frame as per the presently enabled framing mode and selected framing
character.
RXRATE
LVTTL Input
Static Control Input
Receive Clock Rate Select.When LOW, the RXCLKx± recovered clock outputs are
complementary clocks operating at the recovered character rate. Data for the associated
receive channels should be latched on the rising edge of RXCLKx+ or falling edge of
RXCLKx–.
When HIGH, the RXCLKx± recovered clock outputs are complementary clocks
operating at half the character rate. Data for the associated receive channels should be
latched alternately on the rising edge of RXCLKx+ and RXCLKx–.
Pin Descriptions CYP(V)15G0402DXB Quad HOTLink II™ SERDES (continued)
Name
I/O Characteristics Signal Description


Similar Part No. - CYV15G0402DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0401DXB CYPRESS-CYV15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYV15G0401DXB CYPRESS-CYV15G0401DXB Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYV15G0401DXB-BGC CYPRESS-CYV15G0401DXB-BGC Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYV15G0401DXB-BGC CYPRESS-CYV15G0401DXB-BGC Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYV15G0401DXB-BGI CYPRESS-CYV15G0401DXB-BGI Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
More results

Similar Description - CYV15G0402DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com