Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0101EQ Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYV15G0101EQ
Description  Multi Rate Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0101EQ Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYV15G0101EQ_07 Datasheet HTML 1Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 2Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 3Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 4Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 5Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 6Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 7Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 8Page - Cypress Semiconductor CYV15G0101EQ_07 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYV15G0101EQ
Document Number: 001-04184 Rev. *E
Page 3 of 10
Table 1. Pin Descriptions - CYV15G0101EQ Single Channel Cable Equalizer
Name
IO Characteristics Signal Description
Control Signals
CLI
Analog Output
Cable Length Indicator. CLI provides an analog voltage proportional to the equalized cable
length. CLI works at both SD-SDI and HD-SDI data rates.
CD/MUTE
LVTTL IO
Carrier Detect or Mute Indicator.
Output:
When the incoming data stream is present and the cable length does not exceed that set by
MCLADJ, the CD/MUTE outputs a voltage less than 0.8V.
When the incoming data stream is not present or the cable length exceeds that set by
MCLADJ, the CD/MUTE outputs a voltage greater than 2.8V.
Input:
When the CD/MUTE pin is set LOW, the equalizer’s differential serial outputs are not muted.
When the CD/MUTE pin is set HIGH, the equalizer’s differential serial outputs are muted.
MCLADJ
Analog Input
Maximum Cable Length Adjust. The maximum equalized cable length is set by the voltage
applied to the MCLADJ input. When the maximum cable length set by MCLADJ is reached,
CD is driven high and the differential output is muted.
If MCLADJ functionality is not needed, this pin should be left floating or tied to ground to
allow maximum equalized cable length.
MCLADJ works at both SD and HD data rates.
BYPASS
LVTTL Input
Equalizer Bypass. When BYPASS is set HIGH, the signal presented at the equalizer’s
differential serial inputs (SDI, SDI) is routed to the equalizer’s differential serial outputs
(SDO, SDO) without performing equalization.
When BYPASS is set LOW, the incoming video data stream is equalized and presented at
the equalizer‘s serial differential outputs (SDO, SDO).
In equalizer bypass mode, CD/MUTE is not functional.
AGC±
Analog
Automatic Gain Control. Place a capacitor of 1
μF between the AGC± pins.
SDO, SDO
Differential
Output
Differential Serial Outputs. The equalized serial video data stream is presented at the
SDO/SDO differential serial CML output.
SDI, SDI
Differential
Input
Differential Serial Inputs. SDI/SDI accepts either a single-ended or differential serial video
data stream over 75
Ω coaxial cable.
Power
VCC
Power
+3.3V Power.
GND
Gnd
Connect to Ground.
[+] Feedback


Similar Part No. - CYV15G0101EQ_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101EQ-SXC CYPRESS-CYV15G0101EQ-SXC Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
More results

Similar Description - CYV15G0101EQ_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
   Multi-Rate Video Cable Equalizer
CYV15G0104EQ CYPRESS-CYV15G0104EQ Datasheet
250Kb / 9P
   Multi Rate Video Cable Equalizer
CYV15G0101EQ CYPRESS-CYV15G0101EQ Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0103EQ CYPRESS-CYV15G0103EQ Datasheet
249Kb / 9P
   Prosumer Video Cable Equalizer
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com