Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32669S3305J504 Datasheet(PDF) 2 Page - EPCOS

Part # B32669S3305J504
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669S3305J504 Datasheet(HTML) 2 Page - EPCOS

  B32669S3305J504 Datasheet HTML 1Page - EPCOS B32669S3305J504 Datasheet HTML 2Page - EPCOS B32669S3305J504 Datasheet HTML 3Page - EPCOS B32669S3305J504 Datasheet HTML 4Page - EPCOS B32669S3305J504 Datasheet HTML 5Page - EPCOS B32669S3305J504 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Not suitable for connection in
parallel to line!
Typical applications
Energy storage
Filtering
Climatic
Max. operating temperature: 85
°C
Climatic category (IEC 60068-1): 40/085/21
Construction
Dielectric: polypropylene (PP)
Cylindrical winding
Insulating sleeve
Face ends sealed with epoxy resin
Features
Good self-healing properties
Terminals
Axial leads, lead-free tinned
Axial leads, insulated,
tinned copper wires gathered
together by a tin cover (fray),
AWG 22
Marking
Manufacturer
Series number
rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage, frequency, date code
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
When bending leads, take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polypropylene film capacitors (MKP)
B32669
AC applications (wound)
2


Similar Part No. - B32669S3305J504

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32669 TDK-B32669 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6105000 TDK-B32669B6105000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6155000 TDK-B32669B6155000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6205000 TDK-B32669B6205000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
B32669B6305000 TDK-B32669B6305000 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32669S3305J504

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com