Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYU01M16ZCC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYU01M16ZCC
Description  16-Mbit (1M x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYU01M16ZCC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYU01M16ZCC Datasheet HTML 4Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 5Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 6Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 7Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 8Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 9Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 10Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 11Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRELIMINARY
CYU01M16ZCC
MoBL3™
Document #: 38-05602 Rev. *F
Page 8 of 14
Switching Characteristics Over the Operating Range[12, 13, 14, 15, 18]
Parameter
Description
70 ns
Unit
Min.
Max.
Read Cycle
tRC [17]
Read Cycle Time
70
40000
ns
tCD
Chip Deselect Time
CE, BLE/BHE High Pulse Time
15
ns
tAA
Address to Data Valid
70
ns
tOHA
Data Hold from Address Change
5
ns
tACE
CE LOW to Data Valid
70
ns
tDOE
OE LOW to Data Valid
35
ns
tLZOE
OE LOW to Low Z[13, 14, 16]
5ns
tHZOE
OE HIGH to High Z[13, 14, 16]
25
ns
tLZCE
CE LOW to Low Z[13, 14, 16]
10
ns
tHZCE
CE HIGH to High Z[13, 14, 16]
25
ns
tDBE
BLE/BHE LOW to Data Valid
70
ns
tLZBE
BLE/BHE LOW to Low Z[13, 14, 16]
5ns
tHZBE
BLE/BHE HIGH to High Z[13, 14, 16]
25
ns
Page Read Cycle
tPC
Page Mode Read Cycle Time
35
40000
ns
tPA
Page Mode Address Access
35
ns
Write Cycle[15]
tWC
Write Cycle Time
70
40000
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Set-Up to Write End
60
ns
tCD
Chip Deselect Time
CE, BLE/BHE High Pulse Time
15
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
50
ns
tBW
BLE/BHE LOW to Write End
60
ns
tSD
Data Set-Up to Write End
25
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z[13, 14, 16]
25
ns
tLZWE
WE HIGH to Low-Z[13, 14, 16]
10
ns
Notes:
12. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1 ns/V, timing reference levels of VCC/2, input pulse levels of
0V to VCC, and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
13. At any given temperature and voltage conditions tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device. All low-Z parameters will be measured with a load capacitance of 30 pF (3V)
14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state.
15. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any
of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the write
16. High-Z and Low-Z parameters are characterized and are not 100% tested.
17. If invalid address signals shorter than min.tRC are continuously repeated for 40us, the device needs a normal read timing (tRC) or needs to enter standby state
at least once in every 40
µs.
18. In order to achieve 70-ns performance, the read access must be CE controlled. That is, the addresses must be stable prior to CE going active.


Similar Part No. - CYU01M16ZCC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16ZFCU-70BVXI CYPRESS-CYU01M16ZFCU-70BVXI Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
More results

Similar Description - CYU01M16ZCC

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24D16161ZA ESMT-M24D16161ZA Datasheet
268Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCCU CYPRESS-CYU01M16SCCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com