Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB506C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BB506C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506C Datasheet(HTML) 4 Page - Renesas Technology Corp

  BB506C Datasheet HTML 1Page - Renesas Technology Corp BB506C Datasheet HTML 2Page - Renesas Technology Corp BB506C Datasheet HTML 3Page - Renesas Technology Corp BB506C Datasheet HTML 4Page - Renesas Technology Corp BB506C Datasheet HTML 5Page - Renesas Technology Corp BB506C Datasheet HTML 6Page - Renesas Technology Corp BB506C Datasheet HTML 7Page - Renesas Technology Corp BB506C Datasheet HTML 8Page - Renesas Technology Corp BB506C Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BB506C
Rev.1.00
Jun. 27, 2005,
page 4 of 8
Main Characteristics
Typical Output Characteristics
0
5
10
15
20
25
01
2
3
4
5
01
2
3
4
5
01
2
3
45
Drain to Source Voltage VDS (V)
68 k
82 k
100 k
120 k
150 k
R G
= 180
kΩ
VG2S = 4 V
VDS = VG1
Forward Transfer Admittance
vs. Gate1 Voltage
0
10
20
30
40
50
Gate1 Voltage VG1 (V)
VG2S = 0
VDS = 5 V
VG2S =4 V
RG = 100 kΩ
f = 1 kHz
Drain Current vs. Gate1 Voltage
0
5
10
15
20
25
Gate1 Voltage VG1 (V)
VG2S = 1 V
2 V
2 V
1 V
3 V
3 V
4 V
4 V
VDS = 5 V
VG2S = 4 V
RG = 100 kΩ
Maximum Channel Power Dissipation Curve
Ambient Temperature Ta (
°C)
* Value on the glass epoxy board (50 mm
× 40 mm × 1 mm)
400
300
200
100
0
50
100
150
200
Input Capacitance vs.
Gate2 to Source Voltage
0
1
2
3
4
5
01
2
3
4
Gate2 to Source Voltage VG2S (V)
VDS = 5 V
VG1 = 5 V
RG = 100 kΩ
f = 1 MHz
Drain Current vs. Gate Resistance
0
5
10
15
20
25
10
100
1000
Gate Resistance RG (kΩ)
VDS = VG1 = 5 V
VG2S = 4 V


Similar Part No. - BB506C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506C RENESAS-BB506C Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
BB506CFS-TL-E RENESAS-BB506CFS-TL-E Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
BB506CFS-TL-H RENESAS-BB506CFS-TL-H Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB506C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501C RENESAS-BB501C Datasheet
198Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C_11 Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com