Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYONS1001L Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYONS1001L
Description  OvationONS??1L - Laser Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS1001L Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYONS1001L Datasheet HTML 1Page - Cypress Semiconductor CYONS1001L Datasheet HTML 2Page - Cypress Semiconductor CYONS1001L Datasheet HTML 3Page - Cypress Semiconductor CYONS1001L Datasheet HTML 4Page - Cypress Semiconductor CYONS1001L Datasheet HTML 5Page - Cypress Semiconductor CYONS1001L Datasheet HTML 6Page - Cypress Semiconductor CYONS1001L Datasheet HTML 7Page - Cypress Semiconductor CYONS1001L Datasheet HTML 8Page - Cypress Semiconductor CYONS1001L Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYPRESS CONFIDENTIAL
PRELIMINARY
CYONS1001L
Document #: 001-09868 Rev. *A
Page 5 of 9
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Storage Temperature
–40
85
°C
Case temperature
Operating Temperature
–15
55
°C
Case temperature
Lead Solder Temperature
260
°C
10 seconds
Supply Voltage
–0.5 (tbd)
3.7 (tbd)
V
ESD
2
kV
All pins, HBM MIL 883 method 3015
Input Voltage
–0.5
Vdd + 0.5
V
Latch Up Current
100
mA
Operating Conditions
Parameter
Min
Typ
Max
Unit
Notes
Operating Temperature
5
45
°C
Power Supply Voltage
2.7
3.6
V
Power Supply Rise Time
100
µs
Supply Noise—AVDD (sinusoidal)
25
mV p-p
10 kHz–50 MHz
Supply Noise—VDD, DVDD (sinusoidal)
100
mV p-p
10 kHz–50 MHz
Serial Port Clock Frequency
2.0
MHz
Active drive, 50% duty cycle
Distance from Lens to Surface Plane
12.53
2.78
13.03
mm
Deviation from nominal will adversely
impact lift detection.
Distance from PCB to Tracking Surface
12.55
12.8
13.05
mm
Load Capacitance
100
pF
MOTION, MISO
DC Electrical Characteristics
Parameter
Min
Typ
Max
Unit
Notes
DC Supply Current (track mode)
12.4
15.5
mA
DC Supply Current (nap1 mode)
5.4
7.7
mA
DC Supply Current (nap2 mode)
1.9
3.9
mA
DC Supply Current (sleep mode)
250
380
µA
Hibernate Supply Current
45
100
µA
Input Low Voltage
0.8
V
Input High Voltage
0.7Vdd
V
Input Hysteresis
100
mV
Input Leakage Current
±1
±10
µA
MOSI, NCS
Output Low Voltage
0.7
V
MISO, MOTION
Output High Voltage
Vdd – 0.7
V
Input Capacitance
10
pF
MOSI, NCS
[+] Feedback
[+] Feedback


Similar Part No. - CYONS1001L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001L-LBXC CYPRESS-CYONS1001L-LBXC Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS1001L-LBXC CYPRESS-CYONS1001L-LBXC Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
More results

Similar Description - CYONS1001L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
logo
Pixart Imaging Inc.
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com