Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDM064A16-55BVXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYDM064A16-55BVXI
Description  1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM064A16-55BVXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYDM064A16-55BVXI Datasheet HTML 1Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 2Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 3Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CYDM064A16-55BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CYDM256A16, CYDM128A16,
CYDM064A16, CYDM128A08,
CYDM064A08
Document #: 38-06081 Rev. *F
Page 4 of 25
Notes:
9. IRR functionality is not supported for the CYDM128A08 device.
10. This pin is A13L for CYDM128A08 devices.
11. This pin is A13R for CYDM128A08 devices.
12. Leave this pin unconnected. No trace or power component can be connected to this pin.
13. IRR functionality is not supported for the CYDM128A08. Connect this pin to VDD.
Pin Configurations (continued)[7, 9, 10, 11,12, 13]
100-Ball 0.5-mm Pitch BGA
Top View
1
2345
6
789
10
A
A5R
A8R
A11R
VCC
VSS
SEMR
VSS
VSS
VSS
VSS
A
B
A3R
A4R
A7R
A9R
CER
R/WR
OER
VCC
VSS
I/O6R B
C
A0R
A1R
A2R
A6R
VSS
IRR1[11]
VSS
VSS
I/O7R
VSS
C
D ODR4 ODR2 BUSYR INTR
A10R
A12R
VSS
VSS
I/O5R
I/O2R D
E
VSS
M / S
ODR3
INTL
VSS
VSS
I/O4R
VCC
I/O1R
VSS
E
F SFEN[13] ODR1 BUSYL
A1L
VCC
VSS
I/O3R
I/O0R
VSS
VCC
F
G ODR0
A2L
A5L
A12L
OEL
I/O3L
VSS
VSS
VSS
VSS
G
H
A0L
A4L
A9L
VSS
CEL
I/O1L
VCC
NC[12]
NC[12]
VSS
H
J
A3L
A7L
A10L
IRR0
[10]
VCC
VSS
I/O4L
I/O6L
VSS
VSS
J
K
A6L
A8L
A11L
VCC
SEML
R/WL
I/O0L
I/O2L
I/O5L
I/O7L K
1
2345
6
789
10
CYDM064A08/CYDM128A08


Similar Part No. - CYDM064A16-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064B16 CYPRESS-CYDM064B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16-55BVXC CYPRESS-CYDM064B16-55BVXC Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16-55BVXC CYPRESS-CYDM064B16-55BVXC Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results

Similar Description - CYDM064A16-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com