Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S18V-133BBI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYD02S18V-133BBI
Description  FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S18V-133BBI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYD02S18V-133BBI Datasheet HTML 1Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 2Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 3Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 4Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 5Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 6Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 7Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 8Page - Cypress Semiconductor CYD02S18V-133BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CYD01S18V/CYD02S18V
CYD04S18V/CYD09S18V
Document #: 38-06077 Rev. *C
Page 4 of 26
Pin Definitions
Left Port
Right Port
Description
A0L–A18L
A0R–A18R
Address Inputs.
BE0L–BE1L
BE0R–BE1R
Byte Enable Inputs. Asserting these signals enables Read and Write operations to
the corresponding bytes of the memory array.
BUSYL
[2,5]
BUSYR
[2,5]
Port Busy Output. When the collision is detected, a BUSY is asserted.
CL
CR
Input Clock Signal.
CE0L
[10]
CE0R
[10]
Active Low Chip Enable Input.
CE1L
[9]
CE1R
[9]
Active High Chip Enable Input.
DQ0L–DQ17L
DQ0R–DQ17R
Data Bus Input/Output.
OEL
OER
Output Enable Input. This asynchronous signal must be asserted LOW to enable
the DQ data pins during Read operations.
INTL
INTR
Mailbox Interrupt Flag Output. The mailbox permits communications between ports.
The upper two memory locations can be used for message passing. INTL is asserted
LOW when the right port writes to the mailbox location of the left port, and vice versa.
An interrupt to a port is deasserted HIGH when it reads the contents of its mailbox.
LowSPDL
[2,4]
LowSPDR
[2,4]
Port Low Speed Select Input. When operating at less than 100 MHz, the LowSPD
disables the port DLL.
PORTSTD[1:0]L
[2,4] PORTSTD[1:0]
R
[2,4] Port Address/Control/Data I/O Standard Select Input.
R/WL
R/WR
Read/Write Enable Input. Assert this pin LOW to write to, or HIGH to read from the
dual-port memory array.
READYL
[2,5]
READYR
[2,5]
Port Ready Output. This signal will be asserted when a port is ready for normal
operation.
CNT/MSKL
[9]
CNT/MSKR
[9]
Port Counter/Mask Select Input. Counter control input.
ADSL
[10]
ADSR
[10]
Port Counter Address Load Strobe Input. Counter control input.
CNTENL
[10]
CNTENR
[10]
Port Counter Enable Input. Counter control input.
CNTRSTL
[9]
CNTRSTR
[9]
Port Counter Reset Input. Counter control input.
CNTINTL
[11]
CNTINTR
[11]
Port Counter Interrupt Output. This pin is asserted LOW when the unmasked
portion of the counter is incremented to all “1s”.
WRPL
[2,3]
WRPR
[2,3]
Port Counter Wrap Input. After the burst counter reaches the maximum count, if
WRP is low, the unmasked counter bits will be set to 0. If high, the counter will be
loaded with the value stored in the mirror register.
RETL
[2,3]
RETR
[2,3]
Port Counter Retransmit Input. Counter control input.
FTSELL
[2,3]
FTSELR
[2,3]
Flow-Through Mode Select Input.
VREFL
[2,4]
VREFR
[2,4]
Port External High-Speed IO Reference Input.
VDDIOL
VDDIOR
Port IO Power Supply.
REVL[2,4]
REVR[2,4]
Reserved pins for future features.
MRST
Master Reset Input. MRST is an asynchronous input signal and affects both ports.
A master reset operation is required at power-up.
TRST[2,5]
JTAG Reset Input.
TMS
JTAG Test Mode Select Input. It controls the advance of JTAG TAP state machine.
State machine transitions occur on the rising edge of TCK.
TDI
JTAG Test Data Input. Data on the TDI input will be shifted serially into selected
registers.
TCK
JTAG Test Clock Input.
TDO
JTAG Test Data Output. TDO transitions occur on the falling edge of TCK. TDO is
normally three-stated except when captured data is shifted out of the JTAG TAP.


Similar Part No. - CYD02S18V-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V CYPRESS-CYD02S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S18V-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com