Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8956GEFL Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8956GEFL
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956GEFL Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8956GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 14Page - Wolfson Microelectronics plc WM8956GEFL Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Preliminary Technical Data
WM8956
w
PTD, July 2007, Rev 2.1
11
TYPICAL POWER CONSUMPTION
Mode
AVDD
SPKVDD
DBVDD
DCVDD
IAVDD
ISPKVDD
IDBVDD
IDCVDD
Total
(V)
(V)
(V)
(V)
(mA)
(mA)
(mA)
(mA)
(mW)
2.7
2.7
1.71
1.71
0.0314
0
0
0
0.085
3
3
1.8
1.8
0.0326
0
0
0
0.098
3.3
3.3
3.3
1.8
0.033
0
0
0
0.109
3.6
5.5
3.6
3.6
0.0345
0
0
0
0.124
2.7
2.7
1.71
1.71
0.0086
0
0
0
0.023
3
3
1.8
1.8
0.0092
0
0
0
0.028
3.3
3.3
3.3
1.8
0.0096
0
0
0
0.032
3.6
5.5
3.6
3.6
0.0102
0
0
0
0.037
2.7
2.7
1.71
1.71
0.0537
0
0
0
0.145
3
3
1.8
1.8
0.0621
0
0
0
0.186
3.3
3.3
3.3
1.8
0.0674
0
0
0
0.222
3.6
5.5
3.6
3.6
0.0728
0
0
0
0.262
2.7
2.7
1.71
1.71
3.869
0
0.0029
3.38
16.231
3
3
1.8
1.8
4.35
0
0.0031
3.6
19.536
3.3
3.3
3.3
1.8
4.8
0
0.0098
3.78
22.676
3.6
5.5
3.6
3.6
5.33
0
0.0145
9.4
53.080
2.7
2.7
1.71
1.71
19.6
0
0.003
3.6
59.081
3
3
1.8
1.8
22.1
0
0.004
3.9
73.327
3.3
3.3
3.3
1.8
23.8
0
0.012
3.9
85.600
3.6
5.5
3.6
3.6
26
0
0.02
9.9
129.312
2.7
2.7
1.71
1.71
7.8
0
0.003
3.5
27.050
3
3
1.8
1.8
8.9
0
0.004
3.8
33.547
3.3
3.3
3.3
1.8
9.6
0
0.012
3.8
38.560
3.6
5.5
3.6
3.6
10.5
0
0.014
9.5
72.050
2.7
2.7
1.71
1.71
4.77
0
0.23
3.7
19.599
3
3
1.8
1.8
5.4
0
0.25
3.9
23.670
3.3
3.3
3.3
1.8
6.04
0
0.46
3.9
28.470
3.6
5.5
3.6
3.6
6.6
0
0.49
10.1
61.884
2.7
2.7
1.71
1.71
5.1
1.4
0.0032
3.57
23.660
3.3
3.3
3.3
1.8
6.3
1.79
0.01
3.84
33.642
3.3
5
3.3
1.8
6.3
2.9
0.01
3.8
42.163
3.3
5.5
3.3
1.8
6.9
3.2
0.0132
9.8
58.054
2.7
2.7
1.71
1.71
5.1
240
0.0032
3.57
667.880
3.3
3.3
3.3
1.8
6.3
304
0.01
3.84
1030.935
3.3
5
3.3
1.8
6.3
450
0.01
3.8
2277.663
3.3
5.5
3.3
1.8
6.9
486
0.0132
9.8
2713.454
2.7
2.7
1.71
1.71
5.1
48
0.0032
3.57
149.480
3.3
3.3
3.3
1.8
6.3
56
0.01
3.84
212.535
3.3
5
3.3
1.8
6.3
82
0.01
3.8
437.663
3.3
5.5
3.3
1.8
6.9
90
0.0132
9.8
535.454
2.7
2.7
1.71
1.71
3
125
0.0034
3.63
351.813
3.3
3.3
3.3
1.8
3.77
154
0.0126
3.89
527.685
3.3
5
3.3
1.8
3.79
229
0.0126
3.7
1164.209
3.6
5.5
3.6
3.6
4.2
250
0.0163
9.7
1425.099
DAC Playback to 16Ohm headphones @44.1kHz,
(white noise 1Vrms)
DAC Playback to 16Ohm headphones @44.1kHz,
(1kHz tone 100mVrms)
DAC Playback to 16Ohm headphones @44.1kHz,
PLL enabled, MCLK=12MHz, no signal, master
mode
DAC Playback to mono speaker @44.1kHz (1kHz
tone, full scale)
DAC Playback to 8Ohm speakers @44.1kHz (no
signal)
DAC Playback to 8Ohm speakers @44.1kHz (1kHz
tone, full scale)
DAC Playback to 8Ohm speakers @44.1kHz (white
noise, 1Vrms)
Off (Default state at power-up, no clocks)
Off (Thermal sensor disabled, no clocks)
Sleep (Thermal sensor enabled, VMID enabled
using 250k VMID resistors)
DAC Playback to 16Ohm headphones @44.1kHz,
(no signal)
Note:
1. Power in the load is included.


Similar Part No. - WM8956GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Wolfson Microelectronic...
WM8956CGEFL/RV WOLFSON-WM8956CGEFL/RV Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/V WOLFSON-WM8956CGEFL/V Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
More results

Similar Description - WM8956GEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com