Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDM128A16-35BVXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYDM128A16-35BVXC
Description  1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM128A16-35BVXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYDM128A16-35BVXC Datasheet HTML 1Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 2Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 3Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 4Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 5Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 6Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 7Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 8Page - Cypress Semiconductor CYDM128A16-35BVXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CYDM256A16, CYDM128A16,
CYDM064A16, CYDM128A08,
CYDM064A08
Document #: 38-06081 Rev. *F
Page 2 of 25
Notes:
1. A0–A11 for 4K devices; A0–A12 for 8K devices; A0–A13 for 16K devices.
2. BUSY is an output in master mode and an input in slave mode.
IO
Control
Address Decode
Mailboxes
INT
L
INT
R
Address Decode
16K X 16
Dual Ported Array
IO
Control
Interrupt
Arbitration
Semaphore
A [13:0]
R
CE
R
BUSY
R
I/O[15:0]
R
LB
R
I/O[15:0]
L
LB
L
OE
L
BUSY
L
A[13:0]
L
R/W
L
CE
L
M/S
UB
L
UB
R
SEM
L
SEM
R
Input Read
Register and
Output Drive
Register
CE
R
OE
R
OE
R
R/W
R
R/W
R
ODR
0 - ODR4
CE
L
OE
L
R/W
L
IRR
0 ,IRR1
SFEN
Figure 1. Top Level Block Diagram[1,2]


Similar Part No. - CYDM128A16-35BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM128B16 CYPRESS-CYDM128B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM128B16 CYPRESS-CYDM128B16 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM128B16 CYPRESS-CYDM128B16 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM128B16-55BVXC CYPRESS-CYDM128B16-55BVXC Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM128B16-55BVXC CYPRESS-CYDM128B16-55BVXC Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results

Similar Description - CYDM128A16-35BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com