Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM9715LGEFL Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9715LGEFL
Description  AC??7 Audio and Touchpanel CODEC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715LGEFL Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9715LGEFL Datasheet HTML 2Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM9715LGEFL Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
WM9715L
Production Data
w
PD Rev 4.0 December 2007
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltages (DCVDD, DBVDD)
-0.3V
+3.63V
Analogue supply voltages (AVDD, HPVDD, SPKVDD, TPVDD)
-0.3V
+3.63V
Touchpanel supply voltage (TPVDD)
AVDD -0.3V
AVDD +0.3V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
TPVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
AVDD +0.3V
Voltage range, BMON/AUX3 (pin31)
+5V
Operating temperature range, TA
-25oC
+85oC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital input/output buffer
supply range
DBVDD
Notes 1, 2
1.8
3.6 or
AVDD+0.3
V
Digital core supply range
DCVDD
Notes 1, 2
1.8
3.6 or
AVDD+0.3
V
Analogue supply range
AVDD, HPVDD,
SPKVDD, TPVDD
1.8
3.6
V
Digital ground
DCGND, DBGND
0
V
Analogue ground
AGND, HPGND,
SPKGND, TPGND
0
V
Difference AGND to DGND
Note 3
-0.3
0
+0.3
V
Notes:
1.
AVDD, DCVDD and DBVDD can all be different
2.
Digital supplies (DCVDD, DBVDD) must not exceed analogue supplies (AVDD, HPVDD, SPKVDD, TPVDD) by more
than 0.3V
3.
AGND is normally the same as DGND
4.
DCVDD must be lower than or equal to DBVDD


Similar Part No. - WM9715LGEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFL/RV WOLFSON-WM9710SEFL/RV Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFL/V WOLFSON-WM9710SEFL/V Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFT/RV WOLFSON-WM9710SEFT/RV Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFT/V WOLFSON-WM9710SEFT/V Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
More results

Similar Description - WM9715LGEFL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
   AC??7 Audio and Touchpanel Codec
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
   AC??7 Audio and Touchpanel CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com