2 / 13 page
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *F
Page 2 of 13
Pin Configuration[2, 3]
Notes:
2. NC pins are not connected to the die.
3. E3 (DNU) can be left as NC or tied to VSS to ensure proper application.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC (mA)
Standby, ISB2
(
µA)
f = 1 MHz
f = fmax
Min.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62137CV25LL
Industrial
2.2
2.5
2.7
55
1.5
3
7
15
2
10
70
1.5
3
5.5
12
CY62137CV30LL
Industrial
2.7
3.0
3.3
55
1.5
3
7
15
2
10
70
1.5
3
5.5
12
CY62137CV30LL
Automotive
2.7
3.0
3.3
70
1.5
3
5.5
15
2
15
CY62137CV33LL
Industrial
3.0
3.3
3.6
55
1.5
3
7
15
5
15
70
1.5
3
5.5
12
CY62137CVLL
Industrial
2.7V
3.3
3.6
70
1.5
3
5.5
12
5
15
CY62137CVSL
Industrial
2.7V
3.3
3.6
70
1.5
3
5.5
12
1
5
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
48-ball FBGA Pinout
A16
DNU
VCC
NC
Top View