Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128DV30L-70ZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62128DV30L-70ZI
Description  1-Mb (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128DV30L-70ZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62128DV30L-70ZI Datasheet HTML 3Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 4Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 5Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 6Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 7Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 8Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 9Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 10Page - Cypress Semiconductor CY62128DV30L-70ZI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62128DV30
Document #: 38-05231 Rev. *H
Page 9 of 11
Package Diagrams
0.546[13.868]
0.440[11.176]
0.101[2.565]
0.050[1.270]
0.014[0.355]
0.118[2.997]
0.004[0.102]
0.047[1.193]
0.006[0.152]
0.023[0.584]
0.793[20.142]
0.450[11.430]
0.566[14.376]
0.111[2.819]
0.817[20.751]
BSC.
0.020[0.508]
MIN.
MAX.
0.012[0.304]
0.039[0.990]
0.063[1.600]
SEATING PLANE
32 LD (450 Mil) SOIC
1
16
17
32
0.004[0.102]
DIMENSIONS IN INCHES[MM]
MIN.
MAX.
PACKAGE WEIGHT 1.42gms
PART #
S32.45 STANDARD PKG.
SZ32.45 LEAD FREE PKG.
51-85081-*B
32-Lead (450-Mil) SOIC (51-85081)
51-85056-*D
32-Lead TSOP Type I (8 x 20 mm) (51-85056)


Similar Part No. - CY62128DV30L-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30L-70ZI CYPRESS-CY62128DV30L-70ZI Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
More results

Similar Description - CY62128DV30L-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30 Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com