Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM7304G-65506Y-B1 Datasheet(PDF) 1 Page - Power-One

Part # ZM7304G-65506Y-B1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7304G-65506Y-B1 Datasheet(HTML) 1 Page - Power-One

  ZM7304G-65506Y-B1 Datasheet HTML 1Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 2Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 3Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 4Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 5Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 6Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 7Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 8Page - Power-One ZM7304G-65506Y-B1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 1 of 32
Member of the
Family
Applications
Low voltage, high density systems utilizing
Z-One
TM Digital Intermediate Bus Architectures
Broadband, networking, optical, and wireless
communications systems
Industrial computing, servers, and storage
applications
Benefits
Eliminates the need for external power
management components
Communicates with the host system via the
industry standard I
2C communication bus
Reduces board space, system cost, complexity,
and time to market
Features
RoHS compliant for all six substances
Compatible with both lead-free and standard reflow
processes
Programs, controls, and manages up to 32
independent Z-series POL converters via an industry
standard I
2C interface (both 100kHz and 400kHz)
JTAG IEEE 1149.1 compliant programming interface
Controls and monitors industry standard power
supplies and other peripheral devices (fans, etc)
Programs output voltage, protections, optimal voltage
positioning, turn-on and turn-off delays and slew
rates, switching frequency, interleave (phase shift),
and feedback loop compensation of the Z-One
TM POL
converters
User friendly GUI interface for programming,
monitoring, and performance simulation
Four independent OK lines for flexible fault
management and fast fault propagation
Four interrupt inputs with programmable hot swap
support capabilities
Intermediate bus voltage monitoring and protection
AC Fail input
Non-volatile memory to store system configuration
information and status data
1 kByte of user accessible non-volatile memory
Control of industry standard DC-DC front ends
Crowbar output to trigger the optional crowbar
protection
Run-time counter
Hardware and software locks for data protection
Small footprint semiconductor industry standard
QFN64 package: 9x9mm
Wide industrial operating temperature range
Description
The ZM7300 is a fully programmable digital power manager that utilizes the industry-standard I
2C communication
bus interface to control, manage, program and monitor up to 32 Z-series POL converters and 4 independent
power devices. The ZM7300 completely eliminates the need for external components for power management and
programming and monitoring of the Z-One
TM POL converters and other industry standard power and peripheral
devices. Parameters of the ZM7300 are programmable via the I
2C bus and can be changed by a user at any time
during product development and deployment.


Similar Part No. - ZM7304G-65506Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7304G-65506-B1 POWER-ONE-ZM7304G-65506-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65506-B2 POWER-ONE-ZM7304G-65506-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65506-Q1 POWER-ONE-ZM7304G-65506-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65506-T1 POWER-ONE-ZM7304G-65506-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7304G-65506-T2 POWER-ONE-ZM7304G-65506-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7304G-65506Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com