Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM7316G-65505Y-B1 Datasheet(PDF) 6 Page - Power-One

Part # ZM7316G-65505Y-B1
Description  Digital Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7316G-65505Y-B1 Datasheet(HTML) 6 Page - Power-One

Back Button ZM7316G-65505Y-B1 Datasheet HTML 2Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 3Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 4Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 5Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 6Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 7Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 8Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 9Page - Power-One ZM7316G-65505Y-B1 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 6 of 32
8.4
I2C Interface
Parameter
Conditions/Description
Min
Nom
Max
Units
ViL
Input low voltage
-0.5
0.3·VDD
V
ViH
Input high voltage
0.7·VDD
VDD+0.5
V
Vhys
Input hysteresis
0.05·VDD
V
VoL
Output low voltage, ISINK=3mA
0
0.4
V
tr
Rise time for SDA and SCL
20+0.1Cb
1
300
ns
tof
Output fall time from ViHmin to ViLmax
20+0.1Cb
1
250
ns
Ii
Input current each I/O pin, 0.1VDD<Vi<0.9VDD
-10
10
µA
Ci
Capacitance for each I/O pin
10
pF
fSCL
SCL clock frequency
0
400
kHz
Standard-Mode I
2C (fSCL ≤ 100kHz)
RPU
External pull-up resistor
1
1000/Cb
1
kΩ
tHDSTA
Hold time (repeated) START condition
4.0
µs
tLOW
Low period of the SCL clock
4.7
µs
tHIGH
High period of the SCL clock
4.0
µs
tSUSTA
Setup time for a repeated START condition
4.7
µs
tHDDAT
Data hold time
0
3.45
µs
tSUDAT
Data setup time
250
ns
tSUSTD
Setup time for STOP condition
4.0
µs
tSUF
Bus free time between a STOP and START condition
4.7
µs
Fast-Mode
I
2C (100kHz < fSCL≤ 400kHz)
RPU
External pull-up resistor
1
300/Cb
1
kΩ
tHDSTA
Hold time (repeated) START condition
0.6
µs
tLOW
Low period of the SCL clock
1.3
µs
tHIGH
High period of the SCL clock
0.6
µs
tSUSTA
Setup time for a repeated START condition
0.6
µs
tHDDAT
Data hold time
0
0.9
µs
tSUDAT
Data setup time
100
ns
tSUSTD
Setup time for STOP condition
0.6
µs
tSUF
Bus free time between a STOP and START condition
1.3
µs
______________________________________
1
Cb – bus capacitance in pF, typically from 10pF to 400pF
Figure 2. I
2C Timing Parameters
tr
tLOW
tHIGH
tLOW
tHDSTA
tSUSTA
tHDDAT tSUDAT
tSUSTO
tBUF
tof
SCL
SDA


Similar Part No. - ZM7316G-65505Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7316G-65505-B1 POWER-ONE-ZM7316G-65505-B1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7316G-65505-B2 POWER-ONE-ZM7316G-65505-B2 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7316G-65505-Q1 POWER-ONE-ZM7316G-65505-Q1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7316G-65505-T1 POWER-ONE-ZM7316G-65505-T1 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7316G-65505-T2 POWER-ONE-ZM7316G-65505-T2 Datasheet
693Kb / 33P
   Digital Power Manager
More results

Similar Description - ZM7316G-65505Y-B1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com