Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137CV18LL-70BAI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62137CV18LL-70BAI
Description  128K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV18LL-70BAI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62137CV18LL-70BAI Datasheet HTML 3Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 9Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 10Page - Cypress Semiconductor CY62137CV18LL-70BAI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62137CV18 MoBL2™
Document #: 38-05017 Rev. *C
Page 9 of 11
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
70
CY62137CV18LL-70BAI
BA48A
48-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
Industrial
CY62137CV18LL-70BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8mm x 1 mm)
55
CY62137CV18LL-55BAI
BA48A
48-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62137CV18LL-55BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8mm x 1 mm)
Package Diagram
48-ball (7.00 mm x 7.00 mm x 1.20 mm) Fine Pitch BGA BA48A
51-85096-A


Similar Part No. - CY62137CV18LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV18LL-70BAI CYPRESS-CY62137CV18LL-70BAI Datasheet
213Kb / 11P
   128K x 16 Static RAM
More results

Similar Description - CY62137CV18LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com