Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137CV18 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62137CV18
Description  128K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV18 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62137CV18_02 Datasheet HTML 1Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 2Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 3Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 4Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 5Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 6Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 7Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 8Page - Cypress Semiconductor CY62137CV18_02 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY62137CV18 MoBL2™
Document #: 38-05017 Rev. *C
Page 2 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.2V to +2.4V
DC Voltage Applied to Outputs
in High-Z State[3] ...................................–0.2V to VCC + 0.2V
DC Input Voltage[3] ............................... –0.2V to VCC + 0.2V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Pin Configuration[1, 2]
WE
Vccq
A11
A10
NC
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vssq
A7
I/O0
BHE
NC
DNU
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
FBGA
A16
Top View
Operating Range
Device
Range
Ambient
Temperature
VCC
CY62137CV18 Industrial
−40°C to +85°C 1.65V to 1.95V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating (ICC)
Standby (ISB2)
f = 1 MHz
f = fmax
VCC(min.) VCC(typ.)
[4]
VCC(max.)
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62137CV18
1.65V
1.80V
1.95V
55 ns
0.5 mA
2 mA
2 mA
7 mA
1
µA8 µA
70 ns
0.5 mA
2 mA
1.5 mA
6 mA
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62137CV18-55
CY62137CV18-70
Unit
Min. Typ.[4]
Max.
Min. Typ.[4] Max.
VOH
Output HIGH Voltage
IOH = −0.1 mA
VCC = 1.65V
1.4
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 1.65V
0.2
0.2
V
VIH
Input HIGH Voltage
1.4
VCC +
0.2V
1.4
VCC +
0.2V
V
VIL
Input LOW Voltage
–0.2
0.4
–0.2
0.4
V
IIX
Input Leakage Current GND < VI < VCC
–1+1
–1+1
µA
Notes:
1.
NC pins are not connected to the die.
2.
E3 (DNU) can be left as NC or VSS to ensure proper application.
3.
VIL(min) = −2.0V for pulse durations less than 20 ns.
4.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.


Similar Part No. - CY62137CV18_02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV18LL-55BAI CYPRESS-CY62137CV18LL-55BAI Datasheet
213Kb / 11P
   128K x 16 Static RAM
CY62137CV18LL-70BAI CYPRESS-CY62137CV18LL-70BAI Datasheet
213Kb / 11P
   128K x 16 Static RAM
More results

Similar Description - CY62137CV18_02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com