Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136CV30LL-55BVI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62136CV30LL-55BVI
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136CV30LL-55BVI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62136CV30LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 10Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 11Page - Cypress Semiconductor CY62136CV30LL-55BVI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY62136CV30 MoBL®
Document #: 38-05199 Rev. *E
Page 9 of 12
Typical DC and AC Parameters
12.0
10.0
6.0
4.0
2.7
0
8.0
SUPPLY VOLTAGE (V)
3.6
2.0
3.3
12.0
10.0
6.0
4.0
3.0
0
8.0
Standby Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
MoBL
2.0
2.7
3.3
50
30
20
10
SUPPLY VOLTAGE (V)
Access Time vs. Supply Voltage
0
40
60
3.0
2.7
3.3
MoBL
Operating Current vs. Supply Voltage
MoBL
(Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C)
50
30
20
10
2.7
3.6
SUPPLY VOLTAGE (V)
0
40
60
3.3
MoBL
12.0
10.0
6.0
4.0
2.0
2.7
3.6
0.0
8.0
SUPPLY VOLTAGE (V)
14.0
3.3
MoBL
(f = 1 MHz)
(f = fMax,
70 ns)
(f = fMax,
55 ns)
12.0
10.0
6.0
4.0
2.0
2.7
3.3
0.0
8.0
SUPPLY VOLTAGE (V)
MoBL
(f = 1 MHz)
14.0
3.0
(f = fMax,
70 ns)
(f = fMax,
55 ns)
3.0
3.0
3.0


Similar Part No. - CY62136CV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV30LL-55BVI CYPRESS-CY62136CV30LL-55BVI Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62136CV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com