Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128DV30L-55SI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62128DV30L-55SI
Description  1-Mb (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128DV30L-55SI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62128DV30L-55SI Datasheet HTML 1Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 2Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 3Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 4Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 5Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 6Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 7Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 8Page - Cypress Semiconductor CY62128DV30L-55SI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY62128DV30
Document #: 38-05231 Rev. *H
Page 2 of 11
Pin Configurations[2]
Notes:
2. NC pins are not connected to the die.
3. DNU pins have to be left floating or tied to Vss to ensure proper application.
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
DNU
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
DNU
A10
I/O3
A1
A0
A3
A2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
STSOP
Top View
(not to scale)
30
28
29
31
24
19
23
22
21
20
18
13
17
16
15
14
11
12
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
9
10
32
1
2
3
4
5
6
7
8
CE2
A15
DNU
A10
I/O3
A1
A0
A3
A2
26
25
26
27
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
Reverse TSOP I
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
DNU
A10
I/O3
A1
A0
A3
A2
(not to scale)
Top View
Top View
SOIC
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC (mA)
Standby, ISB2 (µA)
f = 1 MHz
f = fMAX
Min.
Typ.
Max.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62128DV30L
2.2
3.0
3.6
55/70
0.85
1.5
5
10
1.5
5
CY62128DV30LL
55/70
0.85
1.5
5
10
1.5
4


Similar Part No. - CY62128DV30L-55SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30L-55SI CYPRESS-CY62128DV30L-55SI Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
More results

Similar Description - CY62128DV30L-55SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30 Datasheet
196Kb / 11P
   1 Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com