Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV20 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62127DV20
Description  1M (64K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV20 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62127DV20 Datasheet HTML 1Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 2Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 3Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 4Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 5Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 6Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 7Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 8Page - Cypress Semiconductor CY62127DV20 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62127DV20
MoBL2®
ADVANCE
INFORMATION
Document #: 38-05301 Rev. **
Page 5 of 12
AC Test Loads and Waveforms
Data Retention Characteristics
Data Retention Waveform[7]
Notes:
6. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
7. BHE
.
BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both.
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1
2.2
V
ICCDR
Data Retention Current
VCC = 1V, CE1 > VCC − 0.2V, CE2 <
0.2V, VIN > VCC − 0.2V or VIN < 0.2V
L1
µA
LL
TBD
tCDR
[5]
Chip Deselect to Data Reten-
tion Time
0ns
tR
[6]
Operation Recovery Time
tRC
ns
VCC Typ
VCC
UTPUT
R2
C = 30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
R
TH
R1
Rise Time:
1 V/ns
Fall Time:
1 V/ns
L
Parameters
1.8V
UNIT
R 1
1350 0
R 2
1080 0
R
TH
6000
V
TH
0.80
V
VCC(min.)
VCC(min.)
tCDR
VDR > 1.0V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE .BLE
CE2
or


Similar Part No. - CY62127DV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55ZI CYPRESS-CY62127DV18L-55ZI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
More results

Similar Description - CY62127DV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com