Part Name
         Description
ZDT1048_07

 SM-8 Dual NPN medium power high gain transistors ( 6 Page)


ZETEX
100% 
Zoom Out Zoom In
   
 5 page
background image
ZDT1048
Issue 2 - December 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SM8
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
Min.
Max.
Typ.
A
-
1.7
-
-
0.067
-
e1
-
-
4.59
-
-
0.1807
A1
0.02
0.1
-
0.0008
0.004
-
e2
-
-
1.53
-
-
0.0602
b
-
-
0.7
-
-
0.0275
He
6.7
7.3
-
0.264
0.287
-
c
0.24
0.32
-
0.009
0.013
-
Lp
0.9
-
-
0.035
-
-
D
6.3
6.7
-
0.248
0.264
-
-
15°
-
-
15°
-
E
3.3
3.7
-
0.130
0.145
-
-
-
10°
-
-
10°



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FMMTL619_05SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1 2 3 Zetex Semiconductors
GL1501ANPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR 1 2 GTM CORPORATION
FXT690BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
GL9401ANPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR 1 2 GTM CORPORATION
NE664M04MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR 1 2 3 4 5 MoreCalifornia Eastern Labs
SFT603250 AMPS 90 - 120 Volts High Power NPN Transistors 1 2 Solid States Devices, Inc
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
GL9411APNP SILICON PLANAR MEDIUM POWER high gain TRANSISTOR 1 2 GTM CORPORATION
FMMTA05SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl