Part Name
         Description
ZM7304G-65501Y-B1

 Digital Power Manager ( 32 Page)


POWER-ONE
100% 
Zoom Out Zoom In
 25 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
REV. 3.3 NOV 26, 2007
www.power-one.com
Page 25 of 32
Figure 19: INT0 Configured as Group A Reprogramming Trigger
In this configuration the Interrupt 0 (INT0_N) is configured as the group A reprogramming trigger. The DPM is
installed on a mother board or a backplane. A daughter card with a group of POL converters is being inserted in
the system during normal operation. At first, the long pins carrying power and the OK_A line signal make contact.
Then the short pins carrying the SD and interrupt signals make contact. Once the interrupt senses low input
voltage, it will command the DPM to program all POL converters in the group A. Upon completion of the
programming, the DPM will turn-on the POL converters, if the Auto Turn-On is enabled.
When the daughter card is being removed, the interrupt input is released as soon as the short pins break the
contact. The DPM will immediately pull the OK_A line low turning off all POL converters in the group A according
to the turn-off delay and falling slew rate settings.
10.6
Controls
10.6.1 ACFAIL_N and RES_N
The ACFAIL_N and RES_N are active low digital inputs. When one of the inputs is pulled low, the DPM will pull all
OK lines low turning off all the POL converters and the Auxiliary Devices in all groups. The POL converters will
execute regular turn-off ramping their output voltages down according to the turn-off delay and falling slew rate
settings. In addition, the DPM will clear all bits in the POL Programming Status Registers and save the contents of
the Run Time Counter into the non-volatile memory. The AC_FAIL in or RES_N in bit in the IBS Monitoring
Window will change to red. When the input is released, the DPM will first program all POL converters and then
turn them on, if the Auto Turn-On is enabled. Otherwise, the user will need to send the turn-on command via the
I
2C bus.
The ACFAIL_N is typically connected to an AC-DC front end.
Whenever the AC voltage disappears, the
ACFAIL_N signal will be set low. If there is no battery backup, it usually means the DC output will disappear after
20ms. If the turn-off delays and falling slew rates of each POL converter are set to the values such that all POL
converters will have fully turned off within the hold time of the AC-DC front end, then output voltage tracking during
turn-off is guaranteed.
The RES_N input has the same functionality as the ACFAIL_N input and can be connected to a simple turn on/off
switch or to a sensor that shuts the entire system down when it is activated.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
TAS5121_07DIGITAL AMPLIIFIER POWER STAGE 1 2 3 4 5 MoreTexas Instruments
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
FMS7401L_05Digital Power Controller 1 2 3 4 5 MoreFairchild Semiconductor
TC7WPB306FCCMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch 1 2 3 4 5 MoreToshiba Semiconductor
UMC3NPower management dual digital transistors 1 2 3 Rohm
TAS5121IDIGITAL AMPLIIFIER POWER STAGE 1 2 3 4 5 MoreTexas Instruments
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
MIC2810Digital Power Management IC 2MHz 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs 1 2 3 4 5 MoreMicrel Semiconductor
TC7WPN3125FKDigital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl