Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1602AR-S-N6NTDW-SP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCM1602AR-S-N6NTDW-SP
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR-S-N6NTDW-SP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCM1602AR-S-N6NTDW-SP Datasheet HTML 1Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 2Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 3Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM1602AR-S-N6NTDW-SP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 5 OF 22
!
(1)Avoid applying excessive shocks to the module or making any alterations or modifications to
it.
(2)Don’t make extra holes on the printed circuit board, modify its shape or change the
components of LCD module.
(3)Don’t disassemble the LCM.
(4)Don’t operate it above the absolute maximum rating.
(5)Don’t drop, bend or twist LCM.
(6)Soldering: only to the I/O terminals.
(7)Storage: please storage in anti-static electricity container and clean environment.
" #
$
Item
Dimension
Unit
Number of Characters
8 characters x 2 Lines
Module dimension(No Backlight )
79.0 x 44.0 x 10.0 ˜MAX ¯
mm
Module dimension(With LED Backlight )
79.0 x 44.0 x 14.0 ˜MAX ¯
mm
View area
63.0 x 25.0
mm
Active area
57.17 x 23.00
mm
Dot size
1.15 x 1.36
mm
Dot pitch
1.23 x 1.44
mm
Character size
6.07 x 11.44
mm
Character pitch
7.30 x 11.56
mm
LCD type
STN
Duty
1/16
View direction
6 o’clock or 12 o’clock
Backlight Type
None, YELLOW-GREEN


Similar Part No. - PCM1602AR-S-N6NTDW-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APT TI1-PCM1602APT Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTG4 TI1-PCM1602APTG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTR TI1-PCM1602APTR Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTRG4 TI1-PCM1602APTRG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1602AR-S-N6NTDW-SP

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com