Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43564C2478M003 Datasheet(PDF) 3 Page - EPCOS

Part # B43564C2478M003
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43564C2478M003 Datasheet(HTML) 3 Page - EPCOS

  B43564C2478M003 Datasheet HTML 1Page - EPCOS B43564C2478M003 Datasheet HTML 2Page - EPCOS B43564C2478M003 Datasheet HTML 3Page - EPCOS B43564C2478M003 Datasheet HTML 4Page - EPCOS B43564C2478M003 Datasheet HTML 5Page - EPCOS B43564C2478M003 Datasheet HTML 6Page - EPCOS B43564C2478M003 Datasheet HTML 7Page - EPCOS B43564C2478M003 Datasheet HTML 8Page - EPCOS B43564C2478M003 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
200 ... 500 V DC
1.15
VR (for VR
≤ 250 VDC)
1.10
VR (for VR
≥ 350 VDC)
Rated capacitance CR
Capacitance tolerance
820 ... 33000 µF
±20%
M
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
d = 51.6 mm: approx. 15 nH
d
≥ 64.3 mm: approx. 20 nH
Capacitors with low-inductance design:
d
≥ 64.3 mm: approx. 13 nH
Useful life
200 ... 450 V 500 V
Requirements:
85
°C; V
R; IAC,R
> 15000 h
> 12000 h
∆C/C
≤ ±30% of initial value
40
°C; V
R; 1.5
IAC,R
> 250000 h
ESR
≤ 3 times initial specified limit
40
°C; V
R; 1.4
IAC,R
> 250000 h
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C; V
R
2000 h
∆C/C
≤ ±10% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 ... 55 Hz,
acceleration max. 10 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
IEC climatic category
To IEC 60068-1:
25/085/56 ( 25
°C/+85 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-803, CECC 30301-807
IEC 60384-4
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Capacitor diameter
51.6 mm
64.3 mm
76.9 mm
91 mm
IAC,max
34 A
45 A
57 A
80 A
B43564, B43584
High ripple current
85
°C
Page 3 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43564C2478M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43564 EPCOS-B43564 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
B43564A0108M000 EPCOS-B43564A0108M000 Datasheet
191Kb / 10P
   Frequency converters
B43564A01M000 EPCOS-B43564A01M000 Datasheet
191Kb / 10P
   Frequency converters
B43564A0228M000 EPCOS-B43564A0228M000 Datasheet
191Kb / 10P
   Frequency converters
B43564A0338M000 EPCOS-B43564A0338M000 Datasheet
191Kb / 10P
   Frequency converters
More results

Similar Description - B43564C2478M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com