Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29774AIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29774AIT
Description  2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29774AIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29774AIT Datasheet HTML 1Page - Cypress Semiconductor CY29774AIT Datasheet HTML 2Page - Cypress Semiconductor CY29774AIT Datasheet HTML 3Page - Cypress Semiconductor CY29774AIT Datasheet HTML 4Page - Cypress Semiconductor CY29774AIT Datasheet HTML 5Page - Cypress Semiconductor CY29774AIT Datasheet HTML 6Page - Cypress Semiconductor CY29774AIT Datasheet HTML 7Page - Cypress Semiconductor CY29774AIT Datasheet HTML 8Page - Cypress Semiconductor CY29774AIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
CY29774
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07479 Rev. **
Revised April 28, 2003
774
Features
• Output frequency range: 8.3 MHz to 125 MHz
• Input frequency range: 4.2 MHz to 62.5 MHz
• 2.5V or 3.3V operation
• Split 2.5V/3.3V outputs
• 14 Clock outputs: Drive up to 28 clock lines
• 1 Feedback clock output
• 2 LVCMOS reference clock inputs
• 150 ps max output-output skew
• PLL bypass mode
• Spread Aware™
• Output enable/disable
• Pin compatible with MPC9774
• Industrial temperature range: –40°C to +85°C
• 52-Pin 1.0-mm TQFP package
Description
The CY29774 is a low-voltage high-performance 125-MHz
PLL-based zero delay buffer designed for high-speed clock
distribution applications.
The CY29774 features two reference clock inputs and pro-
vides 14 outputs partitioned in 3 banks of 5, 5, and 4 outputs.
Bank A and Bank B divide the VCO output by 4 or 8 while Bank
C divides by 8 or 12 per SEL(A:C) settings, see Functional
Table. These dividers allow output to input ratios of 6:1, 4:1,
3:1, 2:1, 3:2, 4:3, 1:1, and 2:3. Each LVCMOS compatible out-
put can drive 50
Ω series or parallel terminated transmission
lines. For series terminated transmission lines, each output
can drive one or two traces giving the device an effective
fanout of 1:28.
The PLL is ensured stable given that the VCO is configured to
run between 200 MHz to 500 MHz. This allows a wide range
of output frequencies from 8.3 MHz to 125 MHz. For normal
operation, the external feedback input, FB_IN, is connected to
the feedback output, FB_OUT. The internal VCO is running at
multiples of the input reference clock set by the feedback di-
vider, see Frequency Table.
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply.
Block Diagram
Pin Configuration
PL L
20 0 -
5 00M H z
÷2 / ÷4
÷4 / ÷6 / ÷8 / ÷12
QA 0
QB 0
QC0
FB_O U T
SE L A
VC O _SE L
TC LK 0
TC LK _ S EL
FB _IN
SELB
SELC
MR #/O E
FB_SEL(1,0)
TC LK 1
÷2
CL K
STO P
÷2 / ÷4
CL K
STO P
÷4 / ÷6
CL K
STO P
C LK_ S T P#
QA 1
QA 2
QA 3
QA 4
QB 1
QB 2
QB 3
QB 4
QC1
QC2
QC3
PL L_ E N
÷4
VSS
MR#/O E
CLK_STP#
SELB
SELC
PLL_EN
SELA
TCLK_SEL
TCLK0
TCLK1
NC
VDD
AVDD
VSS
QB1
VDDQ B
QB2
VSS
QB3
VDDQ B
QB4
FB_IN
VSS
FB_OUT
VDDFB
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29774


Similar Part No. - CY29774AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AI CYPRESS-CY29772AI Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AIT CYPRESS-CY29772AIT Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29773AI CYPRESS-CY29773AI Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - CY29774AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9775A ALSC-ASM5I9775A Datasheet
507Kb / 12P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9775 PULSECORE-PCS5I9775 Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com