Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29352AXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29352AXIT
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29352AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY29352
Document Number: 38-07476 Rev. *B
Page 3 of 9
Table 2. Frequency Table
Table 3. Function Table
Absolute Maximum Conditions
VCO_SEL
Feedback Output
Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
0
÷2
Input clock * 2
100 MHz to 200 MHz
100 MHz to 200 MHz
0
÷4
Input clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
0
÷6
Input clock * 6
33.33 MHz to 83.33 MHz
33.33 MHz to 66.67 MHz
1
÷2
Input clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
1
÷4
Input clock * 8
25 MHz to 62.5 MHz
25 MHz to 50 MHz
1
÷6
Input clock * 12
16.67 MHz to 41.67 MHz
16.67 MHz to 33.33 MHz
Control
Default
0
1
VCO_SEL
0
VCO
VCO
÷ 2
PLL_EN#
0
PLL enabled, the VCO output connects
to the output dividers
Bypass mode, PLL disabled, the input clock
connects to the output dividers
MR/OE#
0
Outputs enabled
Outputs disabled (three-state), VCO runs at its
minimum frequency
SELA
0
QA = VCO
÷ 4
QA = VCO
÷ 6
SELB
0
QB = VCO
÷ 4
QB = VCO
÷ 2
SELC
0
QC = VCO
÷ 2QC = VCO ÷ 4
Parameter
Description
Condition
Min
Max
Unit
VDD
DC supply voltage
–0.3
5.5
V
VDD
DC operating voltage
Functional
2.375
3.465
V
VIN
DC input voltage
Relative to VSS
–0.3
VDD + 0.3
V
VOUT
DC output voltage
Relative to VSS
–0.3
VDD + 0.3
V
VTT
Output termination voltage
VDD ÷ 2V
LU
Latch up immunity
Functional
200
mA
RPS
Power supply ripple
Ripple frequency < 100 kHz
150
mVp-p
TS
Temperature, storage
Non functional
–65
+150
°C
TA
Temperature, operating ambient
Functional
–40
+85
°C
TJ
Temperature, junction
Functional
155
°C
ØJC
Dissipation, junction to case
Functional
42
°C/W
ØJA
Dissipation, junction to ambient
Functional
105
°C/W
ESDH
ESD protection (human body model)
2000
Volts
FIT
Failure in time
Manufacturing test
10
ppm
[+] Feedback


Similar Part No. - CY29352AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352AXIT CYPRESS-CY29352AXIT Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
More results

Similar Description - CY29352AXIT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352 Datasheet
100Kb / 8P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com