Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29653ACT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29653ACT
Description  3.3V 125-MHz 8-Output Zero Delay Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29653ACT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29653ACT Datasheet HTML 1Page - Cypress Semiconductor CY29653ACT Datasheet HTML 2Page - Cypress Semiconductor CY29653ACT Datasheet HTML 3Page - Cypress Semiconductor CY29653ACT Datasheet HTML 4Page - Cypress Semiconductor CY29653ACT Datasheet HTML 5Page - Cypress Semiconductor CY29653ACT Datasheet HTML 6Page - Cypress Semiconductor CY29653ACT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY29653
Document #: 38-07477 Rev. *C
Page 5 of 7
VDD
GND
VDD/2
tP
T0
DC = tP / T0 x 100%
Figure 4. Output Duty Cycle (DC)
t
SK(O)
VDD
GND
VDD/2
VDD
GND
VDD/2
Figure 5. Output-to-Output Skew tsk(O)
Ordering Information
Part Number
Package Type
Product Flow
CY29653AC
32-pin TQFP
Commercial, 0
°C to +70°C
CY29653ACT
32-pin TQFP – Tape and Reel
Commercial, 0
°C to 70°C
CY29653AI
32-pin TQFP
Industrial, –40
°C to +85°C
CY29653AIT
32-pin TQFP – Tape and Reel
Industrial, –40
°C to 85°C


Similar Part No. - CY29653ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29658AI CYPRESS-CY29658AI Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29658AIT CYPRESS-CY29658AIT Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
More results

Similar Description - CY29653ACT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com