Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29350AIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29350AIT
Description  2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29350AIT Datasheet HTML 1Page - Cypress Semiconductor CY29350AIT Datasheet HTML 2Page - Cypress Semiconductor CY29350AIT Datasheet HTML 3Page - Cypress Semiconductor CY29350AIT Datasheet HTML 4Page - Cypress Semiconductor CY29350AIT Datasheet HTML 5Page - Cypress Semiconductor CY29350AIT Datasheet HTML 6Page - Cypress Semiconductor CY29350AIT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29350
Document #: 38-07474 Rev. *A
Page 4 of 7
AC Electrical Specifications (VDD = 2.5V ± 5%, TA = –40°C to +85°C) [6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
380
MHz
fin
Input Frequency
÷16 Feedback
12.5
23.75
MHz
÷32 Feedback
6.25
11.87
Bypass mode (PLL_EN = 0)
0
200
fXTAL
Crystal Oscillator Frequency
10
23.75
MHz
frefDC
Input Duty Cycle
25
75
%
tr , tf
TCLK Input Rise/FallTime
0.7V to 1.7V
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
190
MHz
÷4 Output
50
95
÷8 Output
25
47.5
DC
Output Duty Cycle
fMAX < 100 MHz
47.5
52.5
%
fMAX > 100 MHz
45
55
tr , tf
Output Rise/Fall times
0.6V to 1.8V
0.1
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL Closed Loop Bandwidth (-3dB)
÷16 Feedback
0.7 - 0.9
MHz
÷32 Feedback
0.6 - 0.8
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency
150
ps
Multiple frequencies
250
tJIT(PER)
Period Jitter
Same frequency
100
ps
Multiple frequencies
175
tLOCK
Maximum PLL Lock Time
1
ms
AC Electrical Specifications (VDD = 3.3V ± 5%, TA = –40°C to +85°C) [6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
500
MHz
fin
Input Frequency
÷16 Feedback
12.5
31.25
MHz
÷32 Feedback
6.25
15.625
Bypass mode (PLL_EN = 0)
0
200
fXTAL
Crystal Oscillator Frequency
10
25
MHz
frefDC
Input Duty Cycle
25
75
%
tr , tf
TCLK Input Rise/FallTime
0.8V to 2.0V
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
200
MHz
÷4 Output
50
125
÷8 Output
25
62.5
DC
Output Duty Cycle
fMAX < 100 MHz
47.5
52.5
%
fMAX > 100 MHz
45
55
tr , tf
Output Rise/Fall times
0.8V to 2.4V
0.1
1.0
ns
tsk(O)
Output-to-Output Skew
Banks at same voltage
150
ps
tsk(B)
Bank-to-Bank Skew
Banks at different voltages
350
ps
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
Note:
6.
AC characteristics apply for parallel output termination of 50
Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.


Similar Part No. - CY29350AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29350AXI CYPRESS-CY29350AXI Datasheet
451Kb / 13P
   2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
CY29350AXIT CYPRESS-CY29350AXIT Datasheet
451Kb / 13P
   2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
More results

Similar Description - CY29350AIT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com