Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28551LFXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28551LFXC
Description  Universal Clock Generator for Intel, VIA, and SIS짰
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551LFXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28551LFXC Datasheet HTML 1Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 2Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 3Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 4Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 5Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 6Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 7Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 8Page - Cypress Semiconductor CY28551LFXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CY28551
Document #: 001-05675 Rev. *C
Page 5 of 30
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Byte Count – 8 bits
(Skip this step if I2C_EN bit set)
20
Repeat start
28
Acknowledge from slave
27:21
Slave address – 7 bits
36:29
Data byte 1 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
45:38
Data byte 2 – 8 bits
37:30
Byte Count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data Byte/Slave Acknowledges
46:39
Data byte 1 from slave – 8 bits
....
Data Byte N – 8 bits
47
Acknowledge
....
Acknowledge from slave
55:48
Data byte 2 from slave – 8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave/Acknowledge
....
Data Byte N from slave – 8 bits
....
NOT Acknowledge
....
Stop
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte – 8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop


Similar Part No. - CY28551LFXC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551LFXC SILABS-CY28551LFXC Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551LFXC-3 CYPRESS-CY28551LFXC-3 Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
Silicon Laboratories
CY28551LFXC-3 SILABS-CY28551LFXC-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
Cypress Semiconductor
CY28551LFXC-3T CYPRESS-CY28551LFXC-3T Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
Silicon Laboratories
CY28551LFXC-3T SILABS-CY28551LFXC-3T Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
More results

Similar Description - CY28551LFXC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551-3 CYPRESS-CY28551-3 Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com